Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT640J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HCT640J
Description  Inverting Octal TRI-STATE Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HCT640J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HCT640J Datasheet HTML 1Page - National Semiconductor (TI) MM74HCT640J Datasheet HTML 2Page - National Semiconductor (TI) MM74HCT640J Datasheet HTML 3Page - National Semiconductor (TI) MM74HCT640J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics MM54HCT640MM74HCT640
VCCe50V g 10% tretfe6 ns (unless otherwise specified)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Output
CLe50 pF
17
23
29
34
ns
Propagation Delay
CLe150 pF
24
30
38
45
ns
tPZH tPZL
Maximum Output
RLe1kX
CLe50 pF
23
30
38
45
ns
Enable Time
tPHZ tPLZ
Maximum Output
RLe1kX
21
30
38
45
ns
Disable Time
CLe50 pF
tTHL tTLH
Maximum Output
CLe50 pF
8
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
10
15
15
15
pF
Capacitance
COUT
Maximum Output
20
25
25
25
pF
Input Capacitance
CPD
Power Dissipation
(per output)
GeVCC
7pF
Capacitance (Note 5)
GeGND
100
pF
AC Electrical Characteristics MM54HCT643MM74HCT643
VCCe50V tretfe6 ns TAe25 C (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limits
tPHL tPLH
Maximum Output
CLe45 pF
16
20
ns
Propagation Delay
tPZL tPZH
Maximum Output
CLe45 pF
29
40
ns
Enable Time
RLe1kX
tPLZ tPHZ
Maximum Output
CLe5pF
20
25
ns
Disable Time
RLe1kX
AC Electrical Characteristics MM54HCT643MM74HCT643
VCCe50V g 10% tretfe6 ns (unless otherwise specified)
TAe25 C
74HCT
54HCT
Symbol
Parameter
Conditions
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Output
CLe50 pF
17
23
29
34
ns
Propagation Delay
CLe150 pF
24
30
38
45
ns
tPZH tPZL
Maximum Output
RLe1kX
CLe50 pF
23
30
38
45
ns
Enable Time
tPHZ tPLZ
Maximum Output
RLe1kX
21
30
38
45
ns
Disable Time
CLe50 pF
ns
tTHL tTLH
Maximum Output
CLe50 pF
8
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
10
15
15
15
pF
Capacitance
COUT
Maximum Output
20
25
25
25
pF
Input Capacitance
CPD
Power Dissipation
(per output)
GeVCC
7pF
Capacitance (Note 5)
GeGND
100
pF
Note 5
CPD determines the no load power consumption PDeCPDVCC2f aICCVCC The no load dynamic current consumption ISeCPDVCC aICC
3


Similar Part No. - MM74HCT640J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HCT688 NSC-MM74HCT688 Datasheet
109Kb / 4P
   8-Bit Magnitude Comparator (Equality Detector)
More results

Similar Description - MM74HCT640J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC640 NSC-MM74HC640 Datasheet
145Kb / 6P
   Inverting Octal TRI-STATE Transceiver
MM54HC620 NSC-MM54HC620 Datasheet
124Kb / 4P
   Octal TRI-STATE Transceiver
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
MM74HC245A NSC-MM74HC245A Datasheet
127Kb / 6P
   Octal TRI-STATE Transceiver
74LS245 NSC-74LS245 Datasheet
139Kb / 6P
   TRI-STATE Octal Bus Transceiver
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com