Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1354 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1354
Description  Q Xpander Processors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1354 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1354 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1354 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUMI
Q Xpander Processors MM1326, 1354, 1369
Absolute Maximum Ratings
Recommended Operating Conditions
Item
Ratings
Units
Storage temperature
-40~+125
°C
Operating temperature
-20~+75
°C
Power supply voltage
15
V
Input voltage
GND <
= VIN <
= VCC
V
Output voltage
10
mA
Allowable loss
650
mA
Item
Ratings
Units
Operating temperature
-20~+75
°C
Operating voltage
8.0~10.0
V
Electrical Characteristics
Item
Measurement conditions
Min. Typ. Max. Units
Consumption current
20
26
mA
Voltage gain Q Xpander 1
SG1: 1Vrms, 1kHz, SG2: no signal
1.5
3.5
5.5
dB
Voltage gain Q Xpander 2
SG1: 1Vrms, 1kHz, SG2: no signal
-20
2
dB
Voltage gain Q Xpander 3
SG1: no signal, SG2: 1Vrms, 1kHz
1.5
3.5
5.5
dB
Voltage gain Q Xpander 4
SG1: no signal, SG2: 1Vrms, 1kHz
-20
2
dB
Voltage gain bypass 1
SG1: 1Vrms, 1kHz, SG2: no signal
-7.5
-5.5
-3.5
dB
Voltage gain bypass 2
SG1: no signal, SG2: 1Vrms, 1kHz
-7.5
-5.5
-3.5
dB
Voltage gain pseudo-stereo 1
SG: 1Vrms, 1kHz, SG2: no signal
-9.5
-7.5
-5.5
dB
Voltage gain pseudo-stereo 2
SG1: no signal, SG2: 1Vrms, 1kHz
-7.5
-5.5
-3.5
dB
Output phase (1)
SG1: 1Vrms, 1kHz, SG2: no signal
-75
-60
-45
dB
Output phase (2)
SG1: no signal, SG2: 1Vrms, 1kHz
-140 -125 -110
dB
Input resistance (1)
Vbyp1, 2=0V, f=20Hz
21
30
39
k
Input resistance (2)
Vbyp1, 2=0V, f=1kHz
8
11
14
k
Input resistance (3)
Vbyp1, 2=0V, f=20kHz
5
7
9
k
Input voltage amplitude (1)
*1
1
1.4
Vrms
Input voltage amplitude (2)
*2
0.5
0.7
Vrms
Total harmonic distortion ratio Q Xpander
Lch=1Vrms, Rch=no signal, Lch=no signal, Rch=1Vrms
0.4
1
%
Total harmonic distortion ratio bypass
Lch=1Vrms, Rch=no signal,
Lch=no signal, Rch=1Vrms, Vbyp=0V
0.4
0.8
%
Output noise voltage Q Xpander
L, R channels=no signal, BW=20Hz to 20kHz, A curve, Vbyp2=0V
75
150 µVrms
Output noise voltage bypass
L, R channels=no signal, BW=20Hz to 20kHz, A curve, Vbyp1,2=0V
20
40
µVrms
L-R channel balance
L, R channels=1Vrms, 1kHz, Vbyp1,2=0V
-1.5
0
1.5
dB
Bypass pin voltage (H)
*3
2.1
V
Bypass pin voltage (L)
*4
0.7
V
Bypass pin voltage (H)
Vbyp=5V *5
350
µA
Bypass pin voltage (L)
Vbyp=0V *6
-10
µA
Pin 13 offset voltage
Vbyp1=0V *7
-30
0
30
mV
Pin 3 offset voltage
Vbyp1=0V *8
-30
0
30
mV
Pin 4 offset voltage
Vbyp1=0V *9
-30
0
30
mV
Pin 5 offset voltage
Vbyp1=0V *10
-30
0
30
mV
*1: Input voltage amplitude at f=1 kHz such that total output harmonic distortion is 1%. However, signals
input to SG1 and SG2 are in phase (phase difference 0°).
*2: Input voltage amplitude at f=1 kHz such that total output harmonic distortion is 1%. However, signals
input to SG1 and SG2 are opposite in phase (phase difference 180°).
*3: Voltage at which bypass pin (pin 22) is regarded as H
*4: Voltage at which bypass pin (pin 22) is regarded as L
*5: When Vbyp=5V, current flowing into bypass pin
*6: When Vbyp=0V, current flowing from bypass pin
*7: Defined as the difference in pin 13 DC output voltages on switching from normal stereo mode to pseudo-stereo mode.
*8: Defined as the difference in pin 3 DC output voltages on switching from normal stereo mode to pseudo-stereo mode.
*9: Defined as the difference in pin 4 DC output voltages on switching from normal stereo mode to pseudo-stereo mode.
*10: Defined as the difference in pin 5 DC output voltages on switching from normal stereo mode to pseudo-stereo mode.
[MM1369]


Similar Part No. - MM1354

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1357 MITSUMI-MM1357 Datasheet
149Kb / 6P
   Control of Lithium Ion Batteries Monolithic IC
More results

Similar Description - MM1354

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1434 MITSUMI-MM1434 Datasheet
195Kb / 8P
   Q Xpander Processors
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
   Xpander Logic with 12-channel touchkey
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
   8-bit Xpander Logic??with touchkey controller
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
   Media Processors
2002 Feb 15
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
   Communications Processors
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
   Teletext Processors
logo
Texas Instruments
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
   Metrology Processors
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com