Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1099 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1099
Description  System Reset (Built-in Watch Dog Timer)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1099 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1099 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1099 Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
System Reset (Built-in Watch Dog Timer) MM1099
Electrical Characteristics (AC) (Except where noted otherwise, MM1096A : VCC=3.6V, Ta=25°C MM1096B : VCC=5.0V)
Notes :
*1 The "monitoring time" means the time interval from the last pulse of the clock pulses for timer clear
(negative edge) to the output of the reset pulse. If the clock pulse is not input during this time interval, the
reset output will be given.
*2 The "reset time" is no other than the reset pulse width, except when resetting the POWER ON.
*3 The "reset hold time" is the time interval from the time point when VCC exceeds the detect (VSH) at the time
of Power On Reset (Power variation reset) to the reset release (RESET
-------------------------------------------------
output "HIGH").
*4 The "output delay time" means the time interval from when the supply voltage comes lower than the
detect voltage (VSL) to when comes the reset state (RESET
-------------------------------------------------
output "Low").
*5 The voltage range is 10 to 90% when measuring the output rise and fall times.
*6 By varying the capacitance of CT, we can vary the watch dog timer monitoring time (TWD), the reset time at
the time of the watch dog timer (TWR), and the reset hold time at the time of power source rise (TPR). The
variable time can be expressed by the following formulas:
TPR (mS)
.
=. 5000
CT (µF)
TWD (mS)
.
=. 5000
CT (µF)
TWR (mS)
.
=. 100
CT (µF)
Example : When CT=0.02µF
TPR
.
=. 100mS
TWD
.
=. 100mS
TWR
.
=. 2mS
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Units
MM1099A
8
VCC input
TPI
µS
pulse width
MM1099B
8
CK input pulse width
TCKW
3µS
CK input cycle
TCK
20
µS
Watchdog timer
monitoring time *1
TWD
CT=0.02µF
50
100
150
mS
Reset time for
watchdog timer *2
TWR
CT=0.02µF
1
2
3
mS
Reset hold time for
power supply rise *3
TPR
50
100
150
mS
Output delay time from VCC *4 TPD
RESET
----------------------------------------------------------------------
pin, RL=10k
Ω, CL=20pF
2
10
µS
Output rise time *5
tR
RESET
----------------------------------------------------------------------
pin, RL=10k
Ω, CL=20pF
2.0
4.0
µS
Output fall time *5
tF
RESET
----------------------------------------------------------------------
pin, RL=10k
Ω, CL=20pF
0.2
1.0
µS
VCC
3.6V
2.8V
VCC
5.0V
4.0V
CT=0.02µF, VCC
CK
or


Similar Part No. - MM1099

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1093 MITSUMI-MM1093 Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093ND MITSUMI-MM1093ND Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093NF MITSUMI-MM1093NF Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PD MITSUMI-MM1093PD Datasheet
176Kb / 7P
   4fsc Clock Generator
MM1093PF MITSUMI-MM1093PF Datasheet
176Kb / 7P
   4fsc Clock Generator
More results

Similar Description - MM1099

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
   System Reset (with built-in watchdog timer)
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
   System Reset (with built-in watchdog timer)
logo
NXP Semiconductors
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com