Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4367 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4367
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4367 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4367 Datasheet HTML 7Page - Maxim Integrated Products MAX4367 Datasheet HTML 8Page - Maxim Integrated Products MAX4367 Datasheet HTML 9Page - Maxim Integrated Products MAX4367 Datasheet HTML 10Page - Maxim Integrated Products MAX4367 Datasheet HTML 11Page - Maxim Integrated Products MAX4367 Datasheet HTML 12Page - Maxim Integrated Products MAX4367 Datasheet HTML 13Page - Maxim Integrated Products MAX4367 Datasheet HTML 14Page - Maxim Integrated Products MAX4367 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Maximum Ratings section. For example,
ΘJA of a µMAX
package is 222°C/W.
The increase in power delivered by the BTL configura-
tion directly results in an increase in internal power dis-
sipation over the single-ended configuration. If the
power dissipation exceeds the maximum allowed for a
given package, either reduce VCC, increase load
impedance, decrease the ambient temperature, or add
heat sinking to the device. Large output, supply, and
ground traces improve the maximum power dissipation
in the package.
Thermal overload protection limits total power dissipa-
tion in the MAX4366/MAX4367/MAX4368. When the
junction temperature exceeds +165°C, the thermal pro-
tection circuitry disables the amplifier output stage. The
amplifiers are re-enabled once the junction temperature
cools by +10°C. This results in a pulsing output under
continuous thermal overload conditions avoiding dam-
age to the port.
Component Selection
Gain-Setting Resistors
External feedback components set the gain of the
MAX4366. Resistors RF and RIN (Figure 3) set the gain
of the input amplifier as follows:
The gain of the device in a single-ended configuration
is half the gain of the BTL case. Choose RF between
10k
Ω and 50kΩ. The gains of the MAX4367/MAX4368
are set internally (Figure 4).
Input Filter
The input capacitor (CIN), in conjunction with RIN forms
a highpass filter that removes the DC bias from an
incoming signal. The AC-coupling capacitor allows the
amplifier to bias the signal to an optimum DC level.
Assuming zero source impedance, the -3dB point of
the highpass filter is given by:
ƒ=
-3
1
2
dB
IN IN
RC
π
A
R
R
VD
F
IN
=


2
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
______________________________________________________________________________________
11
Figure 4. MAX4367/MAX4368 Typical Application Circuit
VCC
VCC
CIN
RIN
RF
CBIAS
6
OUT-
IN+
BIAS
AUDIO
INPUT
3
2
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
8
OUT+
5
7
1
MAX4367
MAX4368
50k
50k
10k
10k
IN-
4
MAX4367: RIN = RF = 20k
MAX4368: RIN = 20k
Ω, RF = 30kΩ
PIN NUMBERS REFER TO SOT23, QFN, AND
µMAX PACKAGES


Similar Part No. - MAX4367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX436 MAXIM-MAX436 Datasheet
700Kb / 16P
   Wideband Trasconductance Amplifiers
Rev 1; 4/93
MAX4360EAX MAXIM-MAX4360EAX Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4360EAX MAXIM-MAX4360EAX Datasheet
444Kb / 17P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
MAX4361 MAXIM-MAX4361 Datasheet
252Kb / 13P
   ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
MAX4361ESA MAXIM-MAX4361ESA Datasheet
252Kb / 13P
   ADSL Drivers/Receivers for Customer Premise Equipment
Rev 0; 1/02
More results

Similar Description - MAX4367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
   330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
logo
Holtek Semiconductor In...
HT82V735 HOLTEK-HT82V735 Datasheet
131Kb / 9P
   330mW Stereo Audio Power Amp With Shutdown
logo
Maxim Integrated Produc...
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
   PNP Small Signal Transistor 330mW
logo
Holtek Semiconductor In...
HT82V739 HOLTEK-HT82V739 Datasheet
92Kb / 8P
   1200mW Audio Power Amp with Shutdown
HT82V73A HOLTEK-HT82V73A Datasheet
1Mb / 9P
   1500mW Audio Power Amp with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com