Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHL-15W-422 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZHL-15W-422
Description  High Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZHL-15W-422 Datasheet(HTML) 2 Page - Mini-Circuits

  ZHL-15W-422 Datasheet HTML 1Page - Mini-Circuits ZHL-15W-422 Datasheet HTML 2Page - Mini-Circuits ZHL-15W-422 Datasheet HTML 3Page - Mini-Circuits ZHL-15W-422 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
High Power Amplifier
Coaxial
ZHL-15W-422+
50
15W
600 to 4200 MHz
REV. B
M166179
ZHL-15W-422+
SK/CP/AM
180215
Features
• Saturated power 15W typ.
• Wide bandwidth, 600 to 4200 MHz
• High gain, 46 dB typ.
• Good gain flatness, ±2.0 dB typ.
• Unconditionally stable
• Self-protected from heat and reverse polarity
• Withstands short and open circuit at output
while delivering up to 10W
Applications
• High power test sets
• Burn-in set-ups
• Communications
• Radar
Electrical Specifications at 25°C
Heat sink and fan not included. Alternative heat sinking and heat removal must be
provided by the user to limit maximum base-plate temperature to 85°C, in order to ensure
proper performance. For reference, this requires thermal resistance of user’s external
heat sink to be 0.3°C/W max.
1. Small signal input power -50 dBm typ.
2. Two tones, 27 dBm/tone, 1 MHz spacing.
3. Recommended Operating Voltage.
Power Supply should be capable of delivering 4A at start-up.
Maximum Ratings
Parameter
Ratings
Operating Temperature
-20°C to 50°C
Base Plate Temperature
85°C
Storage Temperature
-55°C to 100°C
DC Voltage
32V
Input RF Power (no damage)
+7 dBm
Permanent damage may occur if any of these limits are exceeded.
Parameter
Condition (MHz)
ZHL-15W-422+
ZHL-15W-422X+
Units
Min
Typ.
Max.
Frequency Range
600
4200
MHz
Gain1
600 - 4200
41
46
51
dB
Gain Flatness1
600 - 4200
±2.0
dB
Output Power at 1dB compression
600 - 4200
+39
dBm
Output Power Saturated
600 - 4200
+42
dBm
Noise Figure
600 - 4200
10
dB
Output third order intercept point2
600 - 4200
+47
dBm
Input VSWR1
600 - 4200
1.3
:1
Output VSWR1
600 - 4200
2.0
:1
DC Supply Voltage
26
283
32
V
Supply Current1
3.5
A
Model No.
ZHL-15W-422-S+
ZHL-15W-422X-S+
Case Style
CP2548
Connectors
IN-SMA, OUT-SMA
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZHL-15W-422

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZHL-1-2W MINI-ZHL-1-2W Datasheet
319Kb / 2P
   Amplifier
ZHL-1-2W++ MINI-ZHL-1-2W+ Datasheet
319Kb / 2P
   Amplifier
ZHL-1-2W-N++ MINI-ZHL-1-2W-N+ Datasheet
319Kb / 2P
   Amplifier
ZHL-1-2W-S++ MINI-ZHL-1-2W-S+ Datasheet
319Kb / 2P
   Amplifier
ZHL-1-2WX++ MINI-ZHL-1-2WX+ Datasheet
319Kb / 2P
   Amplifier
More results

Similar Description - ZHL-15W-422

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB54503 FUJITSU-MB54503 Datasheet
46Kb / 8P
   HIGH-POWER AMPLIFIER
logo
Mini-Circuits
ZHL-16W-43 MINI-ZHL-16W-43 Datasheet
388Kb / 3P
   High Power Amplifier
ZHL-40W-372-S MINI-ZHL-40W-372-S Datasheet
1Mb / 8P
   High Power Amplifier
RFE-24M30M075X++ MINI-RFE-24M30M075X+ Datasheet
584Kb / 8P
   High Power Amplifier
REV. OR
ZHL-4W-422 MINI-ZHL-4W-422 Datasheet
346Kb / 3P
   High Power Amplifier
ZHL-30W-252 MINI-ZHL-30W-252 Datasheet
316Kb / 3P
   High Power Amplifier
ZHL-50W-63 MINI-ZHL-50W-63 Datasheet
318Kb / 4P
   High Power Amplifier
ZHL-100W-382A MINI-ZHL-100W-382A Datasheet
309Kb / 4P
   High Power Amplifier
ZHL-100W-63 MINI-ZHL-100W-63 Datasheet
323Kb / 4P
   High Power Amplifier
ZHL-100W-251 MINI-ZHL-100W-251 Datasheet
398Kb / 4P
   High Power Amplifier
HPA-25W-272 MINI-HPA-25W-272 Datasheet
404Kb / 4P
   High Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com