Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1316ECM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1316ECM
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1316ECM Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1316ECM Datasheet HTML 1Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 2Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1316ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0V, VREF = VREFMS = +2.5V (external reference), CREF = CREFMS = 0.1µF, CREF+ =
CREF- = 0.1µF, CREF+-to-REF- = 2.2µF || 0.1µF, CCOM = 2.2µF || 0.1µF, CMSV = 2.2µF || 0.1µF (unipolar devices, MAX1316/
MAX1317/MAX1318), MSV = AGND (bipolar devices, MAX1320/MAX1321/MAX1322/MAX1324/MAX1325/MAX1326), fCLK = 10MHz,
50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Voltage Low
VIL
0.3 x
DVDD
V
Input Hysteresis
15
mV
Input Capacitance
CIN
15
pF
Input Current
IIN
VIN = 0V or DVDD
±1µA
CLOCK-SELECT INPUT (INTCLK/
EXTCLK)
Input-Voltage High
0.7 x
AVDD
V
Input-Voltage Low
0.3 x
AVDD
V
DIGITAL OUTPUTS (D0–D13,
EOC, EOLC)
Output-Voltage High
VOH
ISOURCE = 0.8mA
DVDD -
0.6
V
Output-Voltage Low
VOL
ISINK = 1.6mA
0.4
V
Tri-State Leakage Current
RD
≥ VIH or CS ≥ VIH
0.06
1µA
Tri-State Output Capacitance
RD
≥ VIH or CS ≥ VIH
15
pF
POWER SUPPLIES
Analog-Supply Voltage
AVDD
4.75
5.25
V
Digital-Supply Voltage
DVDD
2.70
5.25
V
MAX1316/MAX1317/MAX1318, all channels
selected
46
51
MAX1320/MAX1321/MAX1322, all channels
selected
46
51
Analog-Supply Current
IAVDD
MAX1324/MAX1325/MAX1326, all channels
selected
46
51
mA
MAX1316/MAX1317/MAX1318,
all channels selected
1
1.6
MAX1320/MAX1321/MAX1322,
all channels selected
1
1.6
Digital-Supply Current (Note 6)
IDVDD
CLOAD =
100pF
MAX1324/MAX1325/MAX1326,
all channels selected
1
1.6
mA
IAVDD
VSHDN = DVDD, VCH = float
10
Shutdown Current (Note 7)
IDVDD
VRD = VWR = DVDD, VSHDN = DVDD
0.1
2
µA
Power-Supply Rejection Ratio
PSRR
AVDD = +4.75V to +5.75V (Note 8)
50
dB


Similar Part No. - MAX1316ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316ECM MAXIM-MAX1316ECM Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
More results

Similar Description - MAX1316ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316 MAXIM-MAX1316_08 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com