Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z35-70MH1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z35-70MH1
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35-70MH1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z35-70MH1 Datasheet HTML 2Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 3Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 4Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 5Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 6Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 7Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 8Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 9Page - STMicroelectronics M48Z35-70MH1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M48Z35, M48Z35Y
6/20
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 7. AC Measurement Load Circuit
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V. Sampled only, not 100% tested.
2. Outputs deselected.
3. At 25°C.
Parameter
M48Z35
M48Z35Y
Unit
Supply Voltage (VCC)
4.75 to 5.5V
4.5 to 5.5
V
Ambient Operating Temperature (TA)
Grade 1
0 to 70
0 to 70
°C
Grade 6
–40 to 85
–40 to 85
°C
Load Capacitance (CL)
100
100
pF
Input Rise and Fall Times
≤ 5
≤ 5ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
AI03211
CL = 100pF or
5pF
CL includes JIG capacitance
645
DEVICE
UNDER
TEST
1.75V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
CIO
(3)
Input / Output Capacitance
10
pF


Similar Part No. - M48Z35-70MH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35-70MH1 STMICROELECTRONICS-M48Z35-70MH1 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35-70MH1E STMICROELECTRONICS-M48Z35-70MH1E Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1F STMICROELECTRONICS-M48Z35-70MH1F Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1TR STMICROELECTRONICS-M48Z35-70MH1TR Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
More results

Similar Description - M48Z35-70MH1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com