Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z35 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z35
Description  256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z35 Datasheet HTML 5Page - STMicroelectronics M48Z35 Datasheet HTML 6Page - STMicroelectronics M48Z35 Datasheet HTML 7Page - STMicroelectronics M48Z35 Datasheet HTML 8Page - STMicroelectronics M48Z35 Datasheet HTML 9Page - STMicroelectronics M48Z35 Datasheet HTML 10Page - STMicroelectronics M48Z35 Datasheet HTML 11Page - STMicroelectronics M48Z35 Datasheet HTML 12Page - STMicroelectronics M48Z35 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
M48Z35, M48Z35Y
Table 7. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. CL = 100pF.
3. CL = 5pF.
Symbol
Parameter(1)
M48Z35/Y
Unit
–70
Min
Max
tAVAV
READ Cycle Time
70
ns
tAVQV
(2)
Address Valid to Output Valid
70
ns
tELQV
(2)
Chip Enable Low to Output Valid
70
ns
tGLQV
(2)
Output Enable Low to Output Valid
35
ns
tELQX
(3)
Chip Enable Low to Output Transition
5
ns
tGLQX
(3)
Output Enable Low to Output Transition
5
ns
tEHQZ
(3)
Chip Enable High to Output Hi-Z
25
ns
tGHQZ
(3)
Output Enable High to Output Hi-Z
25
ns
tAXQX
(2)
Address Transition to Output Transition
10
ns


Similar Part No. - M48Z35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1 STMICROELECTRONICS-M48Z35-70MH1 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35-70MH1E STMICROELECTRONICS-M48Z35-70MH1E Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
M48Z35-70MH1F STMICROELECTRONICS-M48Z35-70MH1F Datasheet
218Kb / 23P
   256Kbit (32Kbit x 8) ZEROPOWER SRAM
More results

Similar Description - M48Z35

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com