Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4258 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 5 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4258
5
4258p
Figure 3. Current Limit Timing
Figure 4. DC Disconnect Timing
TEST TI I G
Figure 5. I2C Interface Timing
Figure 2. Detect, Class and Turn-On Timing in Auto or Semiauto Modes
SCL
SDA
t1
t2
t3
tr
tf
t5
t6
t7
t8
t4
4258 F05
0V
VPORTn
VGATEn
INT
PD
INSERTED
VEE
VCLASS
VT
PORT
TURN ON
(AUTO MODE)
tCLSDLY
tCLASS
4258 F02
tDETDLY
tDET
tPON
VLIM
VCUT
0V
VSENSEn TO VEE
INT
4258 F03
tSTART, tICUT
VMIN
VSENSEn
TO VEE
INT
tDIS
tVMIN
4258 F04


Similar Part No. - LTC4258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4258 LINER-LTC4258 Datasheet
383Kb / 28P
   Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4258 LINER-LTC4258 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4258 LINER-LTC4258 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4258 LINER-LTC4258 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4258 LINER-LTC4258 Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4258 LINER-LTC4258_15 Datasheet
389Kb / 28P
   Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4258 LINER-LTC4258_09 Datasheet
383Kb / 28P
   Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4259A LINER-LTC4259A_15 Datasheet
419Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1 Datasheet
421Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A LINER-LTC4259A Datasheet
326Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4259A-1 LINER-LTC4259A-1_15 Datasheet
427Kb / 32P
   Quad IEEE 802.3af Power over Ethernet Controller with AC Disconnect
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com