Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5514EFE Datasheet(PDF) 10 Page - Linear Technology

Part # LT5514EFE
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514EFE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5514EFE Datasheet HTML 6Page - Linear Technology LT5514EFE Datasheet HTML 7Page - Linear Technology LT5514EFE Datasheet HTML 8Page - Linear Technology LT5514EFE Datasheet HTML 9Page - Linear Technology LT5514EFE Datasheet HTML 10Page - Linear Technology LT5514EFE Datasheet HTML 11Page - Linear Technology LT5514EFE Datasheet HTML 12Page - Linear Technology LT5514EFE Datasheet HTML 13Page - Linear Technology LT5514EFE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT5514
5514f
TYPICAL PERFOR A CE CHARACTERISTICS
Total ICC vs VCC
Single-Ended Output Current
vs Attenuation Step
(Low Power Mode) TA = 25°C, VCC = 5V, VCCO = 5V,
ENA = 3V, ENB = 0.6V or ENA = 0.6V, ENB = 3V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. (Test circuit shown in
Figure 10)
VIN(BIAS) vs Attenuation Step
Noise Figure vs Frequency
Harmonic Distortion vs POUT at
50MHz, Max Gain, ROUT = 200Ω
OIP3 vs Frequency at Pin = –23dBm,
Max Gain and 1.5dB Attenuation
Step, ROUT = 200Ω
FREQUENCY (MHz)
0
42
45
48
200
5514 G34
39
36
30
50
100
150
33
54
51
1.5dB
ATTENUATION
STEP
MAX GAIN
POUT (dBm)
–6
–80
–50
–45
–40
0
6
9
5514 G35
–90
–60
–70
–85
–55
–100
–95
–65
–75
–3
3
12
15
HD2
HD3
HD4
HD5
FREQUENCY (MHz)
0
7.0
7.5
8.0
8.5
9.0
100
200
300
400
5514 G36
9.5
10.0
50
150
250
350
MAX GAIN
1.5dB ATTENUATION STEP
(PGA0 = LOW)
3dB ATTENUATION STEP
(PGA1 = LOW)
NF vs Attenuation Step at
Freq = 100MHz
ATTENUATION STEP (dB)
0
18
24
30
15
5514 G37
12
6
15
21
27
9
3
0
3
6
9
12
18
21
Output Noise Floor vs Attenuation
Step, Freq = 100MHz, ROUT = 200Ω
ATTENUATION STEP (dB)
0
–142
–141
–140
–139
–138
–136
3
69
12
5514 G38
18
15
21
–137
PGA1 = HIGH
PGA1 = LOW
Pulse Response vs Output Level at
Max Gain. Indicated Voltage Levels
are into 50
Ω External Load
2ns/DIV
5514 G39
2VP-P
1.5VP-P
1VP-P
INPUTS
COUT = 0.82pF
ATTENUATION STEP (dB)
0
65
68
70
73
75
80
3
69
12
5514 G40
15
18
21
78
85
°C
25
°C
–40
°C
ATTENUATION STEP (dB)
0
19.0
20.0
19.5
20.5
21.0
3
69
12
5514 G41
15
18
21
85
°C
25
°C
–40
°C
ATTENUATION STEP (dB)
0
1.40
1.50
1.45
1.55
1.60
3
69
12
5514 G42
15
18
21
85
°C
25
°C
–40
°C


Similar Part No. - LT5514EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT5514 LINER-LT5514 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5514 LINER-LT5514 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5514 LINER-LT5514 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LT5514 LINER-LT5514 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT5514EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514_15 Datasheet
285Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524 Datasheet
184Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5524 LINER-LT5524_15 Datasheet
190Kb / 16P
   Low Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com