Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W22SF005-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W22SF005-6
Description  WR-22 Seamless Flexible Waveguide 6 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W22SF005-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W22SF005-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W22SF005-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W22SF005-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W22SF005-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
2.60
2.80
3.00
33
35
37
39
41
42
44
46
48
50
GHz
VSWR
-3.00
-2.75
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
33
35
37
39
41
42
44
46
48
50
GHz
Insertion Loss
PE-W22SF005-6 REV 1.0
PE-W22SF005-6
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-22 Seamless Flexible Waveguide 6 Inch, UG-383/U Round Cover Flange Operating From
33 GHz to 50 GHz PE-W22SF005-6
WR-22 Seamless Flexible Waveguide 6 Inch, UG-383/U
Round Cover Flange Operating From 33 GHz to 50 GHz
Flexible Waveguides Technical Data Sheet


Similar Part No. - PE-W22SF005-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22SF005-6 PASTERNACK-PE-W22SF005-6 Datasheet
564Kb / 4P
   WR-22 Seamless Flexible Waveguide
PE-W22SF005-6 PASTERNACK-PE-W22SF005-6_V01 Datasheet
564Kb / 4P
   WR-22 Seamless Flexible Waveguide
More results

Similar Description - PE-W22SF005-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22SF005-24 PASTERNACK-PE-W22SF005-24 Datasheet
403Kb / 4P
   WR-22 Seamless Flexible Waveguide 24 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
PE-W22SF005-12 PASTERNACK-PE-W22SF005-12 Datasheet
410Kb / 4P
   WR-22 Seamless Flexible Waveguide 12 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
PE-W22TF005-6 PASTERNACK-PE-W22TF005-6 Datasheet
403Kb / 4P
   WR-22 Twistable Flexible Waveguide 6 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
PE-W22TF005-12 PASTERNACK-PE-W22TF005-12 Datasheet
406Kb / 4P
   WR-22 Twistable Flexible Waveguide 12 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
PE-W22TF005-24 PASTERNACK-PE-W22TF005-24 Datasheet
403Kb / 4P
   WR-22 Twistable Flexible Waveguide 24 Inch, UG-383/U Round Cover Flange Operating From 33 GHz to 50 GHz
PEWMT1004 PASTERNACK-PEWMT1004 Datasheet
506Kb / 3P
   WR-22 Waveguide Magic Tee, UG-383/U Round Cover Flange Operating from 33 GHz to 50 GHz
PEWAD5004 PASTERNACK-PEWAD5004 Datasheet
364Kb / 3P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWAD5007 PASTERNACK-PEWAD5007 Datasheet
443Kb / 4P
   WR-22 Waveguide Bulkhead Adapter UG-383/U Round Cover Flange, 33 GHz to 50 GHz
PEWIR1004 PASTERNACK-PEWIR1004 Datasheet
579Kb / 5P
   WR-22 Waveguide Isolator from 33 GHz to 50 GHz, 25 dB min Isolation, UG-383/U Round Cover Flange
PEWSP1000 PASTERNACK-PEWSP1000 Datasheet
535Kb / 4P
   WR-22 Waveguide Pressurizing Section 4.25 Inch Length, UG-383/U Square Cover Flange from 33 GHz to 50 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com