Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1568IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1568IGN
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1568IGN Datasheet HTML 6Page - Linear Technology LT1568IGN Datasheet HTML 7Page - Linear Technology LT1568IGN Datasheet HTML 8Page - Linear Technology LT1568IGN Datasheet HTML 9Page - Linear Technology LT1568IGN Datasheet HTML 10Page - Linear Technology LT1568IGN Datasheet HTML 11Page - Linear Technology LT1568IGN Datasheet HTML 12Page - Linear Technology LT1568IGN Datasheet HTML 13Page - Linear Technology LT1568IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1568
10
1568f
APPLICATIO S I FOR ATIO
The LT1568 has been designed to make the implementa-
tion of high frequency filtering functions very easy. Inter-
nal low noise amplifiers and capacitors are configured in
a topology that requires only three external resistors to
implement a 2nd order filter stage. The two 2nd order
stages can be used independently or cascaded for simple
4th order filter functions. With two stages integrated on
the same die, the matching of the independent sections is
better than what can be achieved with separate amplifier
components.
OPERATING WITH SINGLE OR DUAL SUPPLIES
Figure 1 shows the recommended connection of an analog
ground plane with the LT1568 biased from either symmetri-
cal dual (
±V) power supplies or a single supply. Connec-
tion of the two GND pins is important to properly DC bias
the internal amplifiers. The use of a ground plane helps to
minimize noise and stray components to preserve signal
integrity and maintain frequency response accuracy.
When biasing from a dual supply, it is recommended that
a Schottky diode clamp (BAT54S) be added as shown.
These diodes ensure that improper supply voltages,
through either reverse polarity or power-up sequencing,
do not damage the LT1568.
SIMPLE FILTER IMPLEMENTATIONS
The basic 2nd order filter block of the LT1568, with three
external resistors connected as shown in the Block Dia-
gram, has the following lowpass transfer function:
e
e
DC
f
s
f
Q
sf
OUT
IN
GAIN
O
O
O
=
π
()
+ π
()
•2
2
2
2
2
2
where eOUT is either OUTA or OUTB,
DC
R
R
f
RR
C
C
GAIN
O
==
π
2
1
1
22
3
1
2
,
••
and
Q
CC
R
R
R
f
CR
R
R
R
R
C
R
R
O
=
π
+
()+
[]
21
2
1
2
3
11
2
3
2
3
2
1
2
•••
••
The typical values of the internal capacitors are:
C1= 105.7pF
C2 = 141.3pF
These filter functions assume ideal amplifiers.
Dual Supply Power and Ground Connections
Single Supply Power and Ground Connections
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V
LT1568
BAT54S
V+
V
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 F01a
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V
LT1568
V+
0.1
µF
0.1
µF
SINGLE POINT
SYSTEM GROUND
1568 F01b
ANALOG
GROUND
PLANE
DIGITAL GROUND PLANE
(IF ANY)
Figure 1. Dual and Single Supply and Ground Plane Connections


Similar Part No. - LT1568IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1568 LINER-LT1568 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LT1568 LINER-LT1568 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1568 LINER-LT1568 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
More results

Similar Description - LT1568IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568_15 Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Dimensions Semic...
LT1568CGNPBF LINEAR_DIMENSIONS-LT1568CGNPBF Datasheet
282Kb / 16P
   Very Low Noise, High Frequency Active RC, Filter Building Block
logo
Linear Integrated Syste...
LTC1562CN LINEAR-LTC1562CN Datasheet
319Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Linear Technology
LTC1562-2 LINER-LTC1562-2 Datasheet
179Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562_15 Datasheet
351Kb / 28P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562-2 LINER-LTC1562-2_15 Datasheet
239Kb / 16P
   Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067 Datasheet
477Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
   Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com