Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-W19PS1001 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-W19PS1001
Description  0 to 180 Degree WR-19 Waveguide Phase Shifter, From 40 GHz to 60 GHz, With a UG-383/U-Mod Round Cover Flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-W19PS1001 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-W19PS1001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-W19PS1001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-W19PS1001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-W19PS1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
-300
-250
-200
-150
-100
-50
0
50
40
42
44
46
48
50
52
54
56
58
60
0 °
GHz
Phase Performance
0° Phase Setting
Max Phase Setting
-5
-4
-3
-2
-1
0
40
45
50
55
60
0 dB
GHz
Insertion Loss
PE-W19PS1001 REV 1.1
PE-W19PS1001
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 180 Degree WR-19 Waveguide Phase Shifter, From 40 GHz to 60 GHz, With a UG-383/
U-Mod Round Cover Flange PE-W19PS1001
0 to 180 Degree WR-19 Waveguide Phase Shifter, From 40 GHz
to 60 GHz, With a UG-383/U-Mod Round Cover Flange
Waveguide Phase Shifters Technical Data Sheet


Similar Part No. - PE-W19PS1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W19AT001-30 PASTERNACK-PE-W19AT001-30 Datasheet
407Kb / 3P
   Rugged waveguide configuration
PE-W19AT5001 PASTERNACK-PE-W19AT5001 Datasheet
537Kb / 5P
   WR-19 Waveguide Direct Read Attenuator, 0 to 50 dB, From 40 GHz to 60 GHz, UG-383/U-Mod Round Cover Flange, Dial
PE-W19B001 PASTERNACK-PE-W19B001 Datasheet
342Kb / 2P
   WR-19 Instrumentation Grade Waveguide E-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19B002 PASTERNACK-PE-W19B002 Datasheet
344Kb / 2P
   WR-19 Instrumentation Grade Waveguide H-Bend with UG383-U-Mod Flange Operating from 40 GHz to 60 GHz
PE-W19CA001 PASTERNACK-PE-W19CA001 Datasheet
441Kb / 4P
   WR-19 With UG383-U-Mod Flange to 1.85mm Female Waveguide
More results

Similar Description - PE-W19PS1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W22PS1001 PASTERNACK-PE-W22PS1001 Datasheet
469Kb / 4P
   0 to 180 Degree WR-22 Waveguide Phase Shifter, From 33 GHz to 50 GHz, With a UG-383/U Round Cover Flange
PEWAD5003 PASTERNACK-PEWAD5003 Datasheet
367Kb / 3P
   WR-19 Waveguide Bulkhead Adapter UG-383/U-Mod Round Cover Flange, 40 GHz to 60 GHz
PE-W12PS1001 PASTERNACK-PE-W12PS1001 Datasheet
474Kb / 4P
   0 to 180 Degree WR-12 Waveguide Phase Shifter, From 60 GHz to 90 GHz, With a UG-387/U Round Cover Flange
PEWMT1003 PASTERNACK-PEWMT1003 Datasheet
506Kb / 3P
   WR-19 Waveguide Magic Tee, UG-383/U-Mod Round Cover Flange Operating from 40 GHz to 60 GHz
PE-W10PS1001 PASTERNACK-PE-W10PS1001 Datasheet
474Kb / 4P
   0 to 180 Degree WR-10 Waveguide Phase Shifter, From 75 GHz to 110 GHz, With a UG-387/U-Mod Round Cover Flange
PE-W19TW1001 PASTERNACK-PE-W19TW1001 Datasheet
407Kb / 3P
   WR-19 90 Degree Waveguide Twist With a UG-383/U Mod Flange Operating From 40 GHz to 60 GHz
PE-W15PS1001 PASTERNACK-PE-W15PS1001 Datasheet
469Kb / 4P
   0 to 180 Degree WR-15 Waveguide Phase Shifter, From 50 GHz to 75 GHz, With a UG-385/U Round Cover Flange
PE-W28PS1001 PASTERNACK-PE-W28PS1001 Datasheet
457Kb / 4P
   0 to 180 Degree WR-28 Waveguide Phase Shifter, From 26.5 GHz to 40 GHz, With a UG-599/U Flange
PE-W19AT5001 PASTERNACK-PE-W19AT5001 Datasheet
537Kb / 5P
   WR-19 Waveguide Direct Read Attenuator, 0 to 50 dB, From 40 GHz to 60 GHz, UG-383/U-Mod Round Cover Flange, Dial
PEWIR1003 PASTERNACK-PEWIR1003 Datasheet
580Kb / 5P
   WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com