Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV2N3763L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANTXV2N3763L
Description  PNP SWITCHING SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV2N3763L Datasheet(HTML) 1 Page - Microsemi Corporation

  JANTXV2N3763L Datasheet HTML 1Page - Microsemi Corporation JANTXV2N3763L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/396
Devices
Qualified Level
2N3762
2N3762L
2N3763
2N3763L
2N3764
2N3765
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N3762*
2N3764
2N3763*
2N3765
Unit
Collector-Emitter Voltage
VCEO
40
60
Vdc
Collector-Base Voltage
VCBO
40
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
1.5
Adc
2N3762*
1
2N3763*
2N3764
2
2N3765
Total Power Dissipation
@ TA = +25
0C
PT
1.0
0.5
W
Operating & Storage Junction Temp. Range
Top, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
2N3762*
2N3763*
2N3764
2N3765
Thermal Resistance Junction-to-Case
RθJC
60
88
0C/W
*Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding devices
1) Derate linearly at 5.71 mW/
0C for TA > +250C
2) Derate linearly at 2.86 mW/
0C for TA > +250C
TO-39* (TO-205AD)
2N3762, 2N3763
TO-5*
2N3762L, 2N3763L
TO-46* (TO-206AB)
2N3764, 2N3765
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current
IC = 10 mAdc
2N3762, 2N3764
2N3763, 2N3765
V(BR)CEO
40
60
Vdc
Collector-Base Cutoff Current
VCB = 20 Vdc
2N3762, 2N3764
VCB = 30 Vdc
2N3763, 2N3765
VCB = 40 Vdc
2N3762, 2N3764
VCB = 60 Vdc
2N3763, 2N3765
ICBO
100
100
10
10
ηAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JANTXV2N3763L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV2N3766 MICROSEMI-JANTXV2N3766 Datasheet
59Kb / 3P
   NPN POWER SILICON TRANSISTOR
JANTXV2N3767 MICROSEMI-JANTXV2N3767 Datasheet
59Kb / 3P
   NPN POWER SILICON TRANSISTOR
More results

Similar Description - JANTXV2N3763L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Microsemi Corporation
2N2907ADIE MICROSEMI-2N2907ADIE Datasheet
44Kb / 2P
   SWITCHING TRANSISTOR PNP SILICON
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com