Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB63 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # PB63
Description  Reliable high-power LED that gives you the design flexibility and performance you need
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

PB63 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  PB63 Datasheet HTML 1Page - Lumileds Lighting Company PB63 Datasheet HTML 2Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Lumileds Holding B.V. All rights reserved.
LUXEON is a registered trademark of the Lumileds Holding B.V.
in the United States and other countries.
lumileds.com
Neither Lumileds Holding B.V. nor its affiliates shall be liable for any kind of loss of data or any
other damages, direct, indirect or consequential, resulting from the use of the provided
information and data. Although Lumileds Holding B.V. and/or its affiliates have attempted to
provide the most accurate information and data, the materials and services information and data
are provided “as is,” and neither Lumileds Holding B.V. nor its affiliates warrants or guarantees
the contents and correctness of the provided information and data. Lumileds Holding B.V. and its
affiliates reserve the right to make changes without notice. You as user agree to this disclaimer
and user agreement with the download or use of the provided materials, information and data.
PB63 LUXEON Rebel Product Brief 20150330
LUXEON Rebel product performance at 350mA, T
j=25°C.
NOMINAL
CCT [2]
MINIMUM
CRI
LUMINOUS FLUX[1] (lm)
TYPICAL LUMINOUS
EFFICACY (lm/W)
PART NUMBER
MINIMUM
TYPICAL
2700K
80
65
73
65
LXM3-PW81
3000K
80
66
77
69
LXM3-PW71
3500K
80
67
80
71
LXM3-PW61
4000K
80
75
85
76
LXM3-PW51
Notes:
1. Lumileds maintains a tolerance of ±6.5% on flux measurements.
2. Correlated color temperature is based upon mounted die on highly reflective surface at T
j=25°C.
Notes:
1. Drawings are not scale.
2. All dimensions are in millimeters.
Mechanical Dimensions.


Similar Part No. - PB63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PB634005 MACOM-PB634005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
PB634005 MACOM-PB634005 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
PB634006 MACOM-PB634006 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
PB634006 MACOM-PB634006 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
PB634012 MACOM-PB634012 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results

Similar Description - PB63

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
List of Unclassifed Man...
IS15DSBFP4RGB ETC2-IS15DSBFP4RGB Datasheet
3Mb / 5P
   Switches that make you smarter
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
List of Unclassifed Man...
RS-1215-20 ETC2-RS-1215-20 Datasheet
473Kb / 4P
   Tripp Lite Power Strip - Multiple outlets wherever you need them
SO239 ETC1-SO239 Datasheet
161Kb / 2P
   For those special projects when you need to mount an SO-239, the DX Engineering
logo
Silicon Laboratories
SI47XX-EVB SILABS-SI47XX-EVB Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
logo
Murata Manufacturing Co...
WSN802GDK MURATA-WSN802GDK Datasheet
576Kb / 1P
   Everything you need to get a wireless sensor node up and running in minutes
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
   Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com