Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX511T Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTX511T
Description  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX511T Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTX511T Datasheet HTML 1Page - KEC(Korea Electronics) KTX511T Datasheet HTML 2Page - KEC(Korea Electronics) KTX511T Datasheet HTML 3Page - KEC(Korea Electronics) KTX511T Datasheet HTML 4Page - KEC(Korea Electronics) KTX511T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2002. 1. 24
3/5
KTX511T
Revision No : 1
V
- I
C
COLLECTOR CURRENT I
(A)
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1.0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.2
-1.4
-1.8
-1.6
-2.0
CE(sat)
C
COLLECTOR CURRENT I
(A)
C
I =0mA
-2mA
-4mA
-6mA
-8mA
-10mA
-20mA
B
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-0.2
-0.3
-0.5
-0.4
-0.6
-0.7
-0.9
-0.8
-1.0
-10
-30
-50
-100
-300
-1K
-500
-0.01
-0.03
-0.1
-1
-3
-0.3
V
- I
C
COLLECTOR CURRENT I
(A)
BE(sat)
C
-0.1
-0.3
-0.5
-1
-3
-10
-5
-0.01
-0.03
-0.1
-1
-3
-0.3
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=75
C
I /I =20
CB
I /I =50
Ta=75 C
Ta=25 C
Ta=-25 C
CB
I /I =50
CB
Ta=7
5 C
Ta=2
5 C
Ta=-25
C
Ta=-
25
C
Ta=25
C
30
1K
h
- I
FE
C
50
100
300
500
-0.01
-0.03
-0.1
-1
-3
-0.3
Ta=-25
C
V
=-2V
CE
Ta=75 C
Ta=25
C
-5
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
-10
-30
-50
-100
-300
-500
V
=-2V
CE
Q (PNP TRANSISTOR)
1


Similar Part No. - KTX511T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KTX511T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX303U KEC-KTX303U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Toshiba Semiconductor
1SS378 TOSHIBA-1SS378_14 Datasheet
217Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Schottky Barrier Type
logo
KEC(Korea Electronics)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Sanyo Semicon Device
MCH6731 SANYO-MCH6731 Datasheet
51Kb / 5P
   PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
logo
SEMTECH ELECTRONICS LTD...
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
   Silicon Epitaxial Planar Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com