Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX311T Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KTX311T
Description  EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX311T Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTX311T Datasheet HTML 1Page - KEC(Korea Electronics) KTX311T Datasheet HTML 2Page - KEC(Korea Electronics) KTX311T Datasheet HTML 3Page - KEC(Korea Electronics) KTX311T Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2002. 8. 13
4/4
KTX311T
Revision No : 2
h
- I
C
COLLECTOR CURRENT I
(mA)
FE
C
COLLECTOR CURRENT I
(mA)
-300
-10
30
10
-1
-3
-30
C
-100
-1K
V
=-10V
CE
500
50
100
300
1K
2K
f - I
T
C
-1
-3
-10
-30
-1
-100 -300 -1K
-3K -10K
-3
-5
-10
-30
-50
-100
-300
-500
V
=-2V
CE


Similar Part No. - KTX311T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

Similar Description - KTX311T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX412T KEC-KTX412T Datasheet
414Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
logo
AUK corp
SUT487J AUK-SUT487J Datasheet
224Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
SUT488J AUK-SUT488J Datasheet
223Kb / 4P
   Epitaxial Planar Type PNP Silicon Transistor
logo
KEC(Korea Electronics)
2SA1270 KEC-2SA1270 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
2SA1271 KEC-2SA1271 Datasheet
39Kb / 1P
   SILICON PNP TRANSISTOR EPITAXIAL PLANAR TYPE
logo
AUK corp
SUR506EF AUK-SUR506EF Datasheet
121Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
SUR529H AUK-SUR529H Datasheet
179Kb / 3P
   Epitaxial Planar Type PNP Silicon Transistor
logo
SHIKUES Electronics
2SA1037 SKTECHNOLGY-2SA1037 Datasheet
2Mb / 3P
   Epitaxial planar type, PNP silicon transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com