Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB53L30 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CDB53L30
Description  Evaluation Board for the CS53L30
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L30 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CDB53L30 Datasheet HTML 24Page - Cirrus Logic CDB53L30 Datasheet HTML 25Page - Cirrus Logic CDB53L30 Datasheet HTML 26Page - Cirrus Logic CDB53L30 Datasheet HTML 27Page - Cirrus Logic CDB53L30 Datasheet HTML 28Page - Cirrus Logic CDB53L30 Datasheet HTML 29Page - Cirrus Logic CDB53L30 Datasheet HTML 30Page - Cirrus Logic CDB53L30 Datasheet HTML 31Page - Cirrus Logic CDB53L30 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
DS963DB2
CDB53L30
6 Schematics
Figure 6-7. Level Shifters, Control I/O Header
Level Shifters and Control I/O Header
1.RESET
1.INT
1.MUTE
2.RESET
2.INT
2.MUTE
SDA
SCL
Optional Control Signal Shorts
1.RESET
1.INT
1.MUTE
2.RESET
2.INT
2.MUTE
Place jumpers
for FlexGUI control
Attach ribbon cable for
external system connection
Voltage
Supervisor
Optional
V = 1.69V
TH
Optional pull-ups for
external bus master
3
SDAA
2
SCLA
5
EN
4
GND
7
SCLB
6
SDAB
8
VCCB
1
VCCA
U9
PCA9517DP
R24
1K
R25
1K
C7
0.1uF
X5R
C8
0.1uF
X5R
R40
10K
R41
NO POP
0402
R45
0
C43
0.1uF
X5R
C44
0.1uF
X5R
C45
0.1uF
X5R
C46
0.1uF
X5R
R54
0
J4
C47
0.1uF
X5R
C48
0.1uF
X5R
R1
0
TP21
1.RESETb
TP22
1.INTb
TP23
1.MUTE
TP24
2.RESETb
TP25
2.INTb
TP26
2.MUTE
TP27
SDA
TP28
SCL
1
VCCA
2
A1
3
A2
4
GND
5
DIR
6
B2
7
B1
8
VCCB
U19
SN74LVC2T45DCUR
1
VCCA
2
A1
3
A2
4
GND
5
DIR
6
B2
7
B1
8
VCCB
U11
SN74LVC2T45DCUR
R42
0
1
VCCA
2
A1
3
A2
4
GND
5
DIR
6
B2
7
B1
8
VCCB
U6
SN74LVC2T45DCUR
1
2
34
56
J34
HDR3X2
R140
0
NO POP
R43
0
NO POP
R2
0
NO POP
1
RST
2
GND
3
MR
4
IN
5
VDD
U24
MIC2774L-31YM5
V
G
8
4
U27-A
NC7WZ126K8X
2
A1
6
Y1
1
OE1
U27-B
NC7WZ126K8X
5
A2
3
Y2
7
OE2
U27-C
NC7WZ126K8X
C81
0.1uF
X5R
R145
0
R146
0
R148
0
NO POP
R147
0
NO POP
R149
10K
R150
10K
R151
10K
R152
NO POP
0805
R144
11.5K
1%
R154
2.49K
1%
R118
10K
R141
10K
R153
11.5K
1%
NO POP
R53
0
NO POP
R165
1K
NO POP
R166
1K
NO POP
UC.I2C.SDA
[3,4,5]
UC.I2C.SCL
[3,4,5]
CS53L30-1.RESET
[2,5]
CS53L30-1.INT
[2,5]
CS53L30-1.MUTE
[2,5]
CS53L30-2.RESET
[2,5]
CS53L30-2.INT
[2,5]
CS53L30-2.MUTE
[2,5]
VA
+3.3V
+3.3V
+1.8V
+3.3V
+3.3V
+1.8V
VA
UC.CS53L30-1.RESET
[5]
UC.CS53L30-1.MUTE
[5]
UC.CS53L30-1.INT
[5]
+3.3V
+1.8V
VA
UC.CS53L30-2.RESET
[5]
UC.CS53L30-2.MUTE
[5]
UC.CS53L30-2.INT
[5]
CS53L30.I2C.SDA
[2]
CS53L30.I2C.SCL
[2]
+1.8V
VA
CS53L30-2.RESET
[2,5]
CS53L30-2.INT
[2,5]
CS53L30-2.MUTE
[2,5]
CS53L30-1.RESET
[2,5]
CS53L30-1.INT
[2,5]
CS53L30-1.MUTE
[2,5]
+3.3V
+1.8V
+3.3V
UC.SW/HW
[5]
UC.SW/HW
[5]
+3.3V
VA
VA
VA


Similar Part No. - CDB53L30

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB53L32A CIRRUS-CDB53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results

Similar Description - CDB53L30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
   Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com