Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB53L30 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CDB53L30
Description  Evaluation Board for the CS53L30
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L30 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CDB53L30 Datasheet HTML 16Page - Cirrus Logic CDB53L30 Datasheet HTML 17Page - Cirrus Logic CDB53L30 Datasheet HTML 18Page - Cirrus Logic CDB53L30 Datasheet HTML 19Page - Cirrus Logic CDB53L30 Datasheet HTML 20Page - Cirrus Logic CDB53L30 Datasheet HTML 21Page - Cirrus Logic CDB53L30 Datasheet HTML 22Page - Cirrus Logic CDB53L30 Datasheet HTML 23Page - Cirrus Logic CDB53L30 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
DS963DB2
CDB53L30
5 Performance Plots
Figure 5-17. THD+N (Relative) vs. Frequency,
Preamp Setting: 0 dB, –1 dBFS
Figure 5-18. THD+N (Relative) vs. Frequency,
Preamp Setting: +10 dB, –1 dBFS
Figure 5-19. THD+N (Relative) vs. Frequency,
Preamp Setting: +20 dB, –1 dBFS
Figure 5-20. THD+N (Relative) vs. Level, Preamp Setting: 0 dB,
PGA Setting: 0 dB, 1 kHz
Figure 5-21. THD+N (Relative) vs. Level, Preamp Setting: 0 dB,
PGA Setting: +12 dB, 1 kHz
Figure 5-22. THD+N (Relative) vs. Level,
Preamp Setting: +10 dB, PGA Setting: 0 dB, 1 kHz
PGA Setting: +12 dB
PGA Setting: 0 dB
Note: The low-frequency distortion
is dominated by the MLCC Class II
DC blocking capacitor (0.1
F). To
reduce this distortion, reduce the
corner frequency by selecting a
larger cap, or choose a different cap
type such as film or MLCC Class I.
PGA Setting: 0 dB
PGA Setting: +12 dB
PGA Setting: +12 dB
PGA Setting: 0 dB


Similar Part No. - CDB53L30

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB53L32A CIRRUS-CDB53L32A Datasheet
716Kb / 40P
   Low Voltage, Stereo A/D Converter
More results

Similar Description - CDB53L30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
   EVALSPEAr320PLC evaluation board for the SPEAr320
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
   Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Silicon Laboratories
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com