Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F016B3BA110 Datasheet(PDF) 4 Page - Intel Corporation

Part # GT28F016B3BA110
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F016B3BA110 Datasheet(HTML) 4 Page - Intel Corporation

  GT28F016B3BA110 Datasheet HTML 1Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 2Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 3Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 4Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 5Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 6Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 7Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 8Page - Intel Corporation GT28F016B3BA110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
4
PRELIMINARY
REVISION HISTORY
Number
Description
-001
Original version
-002
Section 3.4,
VPP Program and Erase Voltages, added
Updated Figure 9:
Automated Block Erase Flowchart
Updated Figure 10:
Erase Suspend/Resume Flowchart (added program to table)
Updated Figure 16:
AC Waveform: Program and Erase Operations (updated notes)
IPPR maximum specification change from ±25
µA to ±50 µA
Program and Erase Suspend Latency specification change
Updated Appendix A:
Ordering Information (included 8 M and 4 M information)
Updated Figure, Appendix D:
Architecture Block Diagram (Block info. in words not
bytes)
Minor wording changes
-003
Combined byte-wide specification (previously 290605) with this document
Improved speed specification to 80 ns (3.0 V) and 90 ns (2.7 V)
Improved 1.8 V I/O option to minimum 1.65 V (Section 3.4)
Improved several DC characteristics (Section 4.4)
Improved several AC characteristics (Sections 4.5 and 4.6)
Combined 2.7 V and 1.8 V DC characteristics (Section 4.4)
Added 5 V VPP read specification (Section 3.4)
Removed 120 ns and 150 ns speed offerings
Moved
Ordering Information from Appendix to Section 6.0; updated information
Moved
Additional Information from Appendix to Section 7.0
Updated figure Appendix B,
Access Time vs. Capacitive Load
Updated figure Appendix C,
Architecture Block Diagram
Moved Program and Erase Flowcharts to Appendix E
Updated
Program Flowchart
Updated
Program Suspend/Resume Flowchart
Minor text edits throughout.
-004
Added 32-Mbit density
Added 98H as a reserved command (Table 4)
A1–A20 = 0 when in read identifier mode (Section 3.2.2)
Status register clarification for SR3 (Table 7)
VCC and VCCQ absolute maximum specification = 3.7 V (Section 4.1)
Combined IPPW and ICCW into one specification (Section 4.4)
Combined IPPE and ICCE into one specification (Section 4.4)
Max Parameter Block Erase Time (tWHQV2/tEHQV2) reduced to 4 sec (Section 4.7)
Max Main Block Erase Time (tWHQV3/tEHQV3) reduced to 5 sec (Section 4.7)
Erase suspend time @ 12 V (tWHRH2/tEHRH2) changed to 5 µs typical and 20 µs
maximum (Section 4.7)
Ordering Information updated (Section 6.0)
Write State Machine Current/Next States Table updated (Appendix A)
Program Suspend/Resume Flowchart updated (Appendix F)
Erase Suspend/Resume Flowchart updated (Appendix F)
Text clarifications throughout
-005
µBGA package diagrams corrected (Figures 3 and 4)
IPPD test conditions corrected (Section 4.4)
32-Mbit ordering information corrected (Section 6)
µBGA package top side mark information added (Section 6)


Similar Part No. - GT28F016B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F016B3BA110 INTEL-GT28F016B3BA110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - GT28F016B3BA110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com