Part Name
         Description
1N5802

 ULTRA FAST MILITARY RECTIFIERS ( 2 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 1 page
background image
VOIDLESS-HERMETICALLY-SEALED
ULTRAFAST RECOVERY GLASS
RECTIFIERS
SCOTTSD A L E DIVISION
1N5802 thru 1N5806
DESCRIPTION
APPEARANCE
This “ultrafast recovery” rectifier diode series is military qualified to MIL-PRF-
19500/477 and is ideal for high-reliability applications where a failure cannot be
tolerated.
These industry-recognized 2.5 Amp rated rectifiers for working peak
reverse voltages from 50 to 150 volts are hermetically sealed with voidless-glass
construction using an internal “Category I” metallurgical bond.
They are also
available in surface-mount packages (see separate data sheet for 1N5802US thru
1N5806US). Microsemi also offers numerous other rectifier products to meet higher
and lower current ratings with various recovery time speed requirements including
standard, fast and ultrafast in both through-hole and surface-mount packages.
“A” Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Popular JEDEC registered 1N5802 to 1N5806 series
• Voidless hermetically sealed glass package
• Extremely robust construction
• Triple-layer passivation
• Internal “Category I” Metallurgical bonds
• JAN, JANTX, JANTXV, and JANS available per MIL-PRF-
19500/477
• Surface mount equivalents also available in a square end-cap
MELF configuration with “US” suffix (see separate data sheet
for 1N5802US thru 1N5806US)
• Ultrafast recovery 2.5 Amp rectifier series 50 to 150V
• Military and other high-reliability applications
• Switching power supplies or other applications
requiring extremely fast switching & low forward loss
• High forward surge current capability
• Low thermal resistance
• Controlled avalanche with peak reverse power
capability
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Junction Temperature: -65oC to +175oC
• Storage Temperature: -65oC to +175oC
• Average Rectified Forward Current (IO): 2.5 A @ TL = 75ºC
• Thermal Resistance: 36 ºC/W junction to lead (L=.375 in)
• Thermal Impedance: 4.5oC/W @ 10 ms heating time
• Forward Surge Current: 35 Amps @ 8.3 ms half-sine
• Capacitance: 25 pF @ VR = 10 Volts, f = 1 MHz
• Solder temperature: 260ºC for 10 s (maximum)
• CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
• TERMINATIONS: Axial-leads are Tin/Lead (Sn/Pb)
over Copper
• MARKING: Body painted and part number, etc.
• POLARITY: Cathode indicated by band
• Tape & Reel option: Standard per EIA-296
• Weight: 340 mg
• See package dimensions on last page
ELECTRICAL CHARACTERISTICS
TYPE
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE
(MIN.)
@ 100
µA
VBR
AVERAGE
RECTIFIED
CURRENT
IO1 @
TL=+75ºC
(NOTE 1)
AVERAGE
RECTIFIED
CURRENT
IO2 @
TA=+55ºC
(Note 2)
MAXIMUM
FORWARD
VOLTAGE
@ 1 A
(8.3 ms pulse)
VF
REVERSE
CURRENT
(MAX)
@ VRWM
IR
SURGE
CURRENT
(MAX)
IFSM
(NOTE 3)
REVERSE
RECOVERY
TIME (MAX)
(NOTE 4)
trr
VOLTS
VOLTS
AMPS
AMPS
VOLTS
µA
AMPS
ns
25
oC
100
oC 25oC 100oC
1N5802
1N5803
1N5804
1N5805
1N5806
50
75
100
125
150
55
80
110
135
160
2.5
2.5
2.5
2.5
2.5
1.0
1.0
1.0
1.0
1.0
0.875
0.875
0.875
0.800
0.800
0.800
1
1
1
1
1
50
50
50
50
50
35
35
35
35
35
25
25
25
25
25
NOTE 1: IO1 is rated at 2.5 A @ TL = 75ºC at 3/8 inch lead length. Derate at 25 mA/ºC for TL above 75ºC.
NOTE 2: IO2 is rated at 1.0 A @ TA = 55ºC for PC boards where thermal resistance from mounting point to
ambient is sufficiently controlled where TJ(max) does not exceed 175ºC. Derate at 8.33 mA/ºC for TA above 55ºC.
NOTE 3: TA = 25
oC @ IO = 1.0 A and VRWM for ten 8.3 ms surges at 1 minute intervals
NOTE 4: IF = 0.5 A, IRM = 0.5 A, IR(REC) = .05 A
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
7-16-2004 REV A



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
US1SMA ultra fast low-loss controlled avalanche rectifiers 1 2 3 4 5 MoreNXP Semiconductors
CUDD16-02CULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP 200 THRU 800 VOLTS 1 2 Central Semiconductor Corp
1N6626ULTRA FAST RECTIFIERS 1 2 Microsemi Corporation
UFT1230ULTRA FAST RECOVERY RECTIFIERS 1 2 Microsemi Corporation
BYV27Ultra fast low-loss controlled avalanche rectifiers 1 2 3 4 5 MoreNXP Semiconductors
CUDD8-02ULTRA FAST RECOVERY RECTIFIERS SINGLE 8.0 AMP 200 THRU 800 VOLTS 1 2 Central Semiconductor Corp
UFS110GULTRA FAST RECOVERY RECTIFIERS 1 2 Microsemi Corporation
BYG80Ultra fast low-loss controlled avalanche rectifiers 1 2 3 4 5 MoreNXP Semiconductors
BYV28Ultra fast low-loss controlled avalanche rectifiers 1 2 3 4 5 MoreNXP Semiconductors
BYV27Ultra Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl