Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62801 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62801
Description  1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62801 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62801_18 Datasheet HTML 7Page - Texas Instruments TPS62801_18 Datasheet HTML 8Page - Texas Instruments TPS62801_18 Datasheet HTML 9Page - Texas Instruments TPS62801_18 Datasheet HTML 10Page - Texas Instruments TPS62801_18 Datasheet HTML 11Page - Texas Instruments TPS62801_18 Datasheet HTML 12Page - Texas Instruments TPS62801_18 Datasheet HTML 13Page - Texas Instruments TPS62801_18 Datasheet HTML 14Page - Texas Instruments TPS62801_18 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
t
SS
t
Startup_delay
EN
Device starts switching
and ramps V
OUT
V
OUT
11
TPS62801
www.ti.com
SLVSDD1A – DECEMBER 2017 – REVISED MARCH 2018
Product Folder Links: TPS62801
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Softstart
Once the device has been enabled with EN high, it initializes and powers up its internal circuits. This occurs
during the regulator start up delay time tStartup_delay. Once tStartup_delay expires, the internal soft start circuitry ramps
up the output voltage within the Soft start time tss.
Figure 8. Device Startup
8.3.3 VSEL/MODE Pin
This pin has multiple functions, depending on the device option. See table. In device options with only one fixed
output voltage, the R2D function is disabled and the pin just operates as a digital input for Mode selection.
8.3.3.1 Output Voltage Selection (R2D Converter)
The output voltage is set with a single external resistor connected between the VSEL/MODE pin and GND. Once
the device has been enabled and the control logic as well the internal reference has been powered up, a R2D
(resistor to digital) conversion is started to detect the external resistor RVSEL. An internal current source applies
current through the external resistor and an internal ADC reads back the resulting voltage level. Depending on
the level, an internal feedback divider network is selected to set the correct output voltage. Once this R2D
conversion is finished within the regulator start up delay time tStartup_delay, the current source is turned off to avoid
current flow through the external resistor.
After power up, the pin is configured as an input for Mode Selection. Therefore, the output voltage is set only
once. If the Mode selection function is used in combination with the VSEL function, ensure that there is no
additional current path or capacitance greater than 30pF total to GND, during R2D conversion. Otherwise the
additional current to GND is interpreted as a lower resistor value and a false output voltage will be set. Table 1
lists the correct resistor values for RVSEL to set the appropriate output voltages. The R2D converter is designed to
operate with resistor values out of the E96 table and requires 1% resistor value accuracy. Ensure that there is no
other leakage path than the RVSEL resistor at the VSEL/MODE pin during an undervoltage lockout event.
Otherwise a false voltage will be set.
Connecting VSEL/MODE to GND selects a pre-defined output voltage (TPS62801 = 1.2V, TPS62802 = 1.8V). In
this case, no external resistor is needed and enables a smaller solution size.
8.3.3.2 Mode Selection: Power Save Mode / Forced PWM Operation
A low level at this pin selects Power Save Mode operation, and a high level selects forced PWM operation. The
Mode can be changed during operation after the device has been powered up. In device options with output
voltage selection (VSEL) function (TPS62801, TPS62802), the Mode selection function is only available after the
R2D converter has read out the external resistor.


Similar Part No. - TPS62801_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62801YKAR TI1-TPS62801YKAR Datasheet
2Mb / 36P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801YKAR TI1-TPS62801YKAR Datasheet
3Mb / 37P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801YKAR TI1-TPS62801YKAR Datasheet
3Mb / 37P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-uA IQ Step Down Converter 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801YKAT TI1-TPS62801YKAT Datasheet
2Mb / 36P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801YKAT TI1-TPS62801YKAT Datasheet
3Mb / 37P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
More results

Similar Description - TPS62801_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62801 TI1-TPS62801 Datasheet
1Mb / 28P
[Old version datasheet]   1.8-V to 5.5-V, 1-A, 2.3-uA IQ Step Down Converter in a 6 Pin, 0.35 mm Pitch WCSP Package
TPS62800 TI1-TPS62800_19 Datasheet
3Mb / 37P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-uA IQ Step Down Converter 6-Pin, 0.35-mm Pitch WCSP Package
TPS62800 TI1-TPS62800 Datasheet
3Mb / 37P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62801_018 TI1-TPS62801_018 Datasheet
2Mb / 36P
[Old version datasheet]   1.8-V to 5.5-V, 0.6A / 1-A, 2.3-關A IQ Step Down Converter in a 6-Pin, 0.35-mm Pitch WCSP Package
TPS62864 TI-TPS62864_V03 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62864/6 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in WCSP Package
TPS62864 TI1-TPS62864 Datasheet
1Mb / 30P
[Old version datasheet]   2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
TPS62864 TI1-TPS62864_V02 Datasheet
1Mb / 34P
[Old version datasheet]   TPS62864/6 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
TPS62864 TI1-TPS62864_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6286x 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
TPS628501 TI-TPS628501 Datasheet
3Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A Step-Down Converter in SOT583 Package
MARCH 2021
TPS62A01-Q1 TI1-TPS62A01-Q1_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A01x-Q1, 2.5-V to 5.5-V, 1-A Automotive Step-Down Converter in SOT563 Package
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com