Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62088 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS62088
Description  Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62088 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS62088_18 Datasheet HTML 14Page - Texas Instruments TPS62088_18 Datasheet HTML 15Page - Texas Instruments TPS62088_18 Datasheet HTML 16Page - Texas Instruments TPS62088_18 Datasheet HTML 17Page - Texas Instruments TPS62088_18 Datasheet HTML 18Page - Texas Instruments TPS62088_18 Datasheet HTML 19Page - Texas Instruments TPS62088_18 Datasheet HTML 20Page - Texas Instruments TPS62088_18 Datasheet HTML 21Page - Texas Instruments TPS62088_18 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
TPS62088
SLVSD94A – NOVEMBER 2017 – REVISED MARCH 2018
www.ti.com
Product Folder Links: TPS62088
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.2 Documentation Support
11.2.1 Development Support
11.2.1.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TPS62088 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
Run electrical simulations to see important waveforms and circuit performance
Run thermal simulations to understand board thermal performance
Export customized schematic and layout into popular CAD formats
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
11.2.2 Related Documentation
For related documentation, see the following:
Thermal Characteristics Application Note, SZZA017
Thermal Characteristics Application Note, SPRA953
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
DCS-Control, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.


Similar Part No. - TPS62088_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62088 TI1-TPS62088_19 Datasheet
1Mb / 27P
[Old version datasheet]   2.4-V to 5.5-V Input, Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm Wafer Chip Scale Package
More results

Similar Description - TPS62088_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_19 Datasheet
1Mb / 27P
[Old version datasheet]   2.4-V to 5.5-V Input, Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm Wafer Chip Scale Package
TPS62088 TI1-TPS62088_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TPS62088, 2.4-V to 5.5-V Input, Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm Wafer Chip Scale Package and Suitable for Embedding
TPS61253A TI1-TPS61253A Datasheet
1Mb / 31P
[Old version datasheet]   3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS62088 TI-TPS62088_V03 Datasheet
2Mb / 33P
[Old version datasheet]   TPS62088 and TPS6208xA, 2.4-V to 5.5-V Input, Tiny 6-Pin 2-A/3-A Step-Down Converter in 1.2-mm × 0.8-mm Wafer Chip Scale Package and Suitable for Embedding
REVISED NOVEMBER 2021
TPS61253A TI-TPS61253A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS62088 TI-TPS62088_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS62088 and TPS6208xA, 2.4-V to 5.5-V Input, Tiny 6-Pin 2-A/3-A Step-Down Converter in 1.2-mm 횞 0.8-mm Wafer Chip Scale Package and Suitable for Embedding
NOVEMBER 2021
TPS61253A TI1-TPS61253A_V02 Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com