Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61256A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61256A
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61256A Datasheet HTML 5Page - Texas Instruments TPS61256A Datasheet HTML 6Page - Texas Instruments TPS61256A Datasheet HTML 7Page - Texas Instruments TPS61256A Datasheet HTML 8Page - Texas Instruments TPS61256A Datasheet HTML 9Page - Texas Instruments TPS61256A Datasheet HTML 10Page - Texas Instruments TPS61256A Datasheet HTML 11Page - Texas Instruments TPS61256A Datasheet HTML 12Page - Texas Instruments TPS61256A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
TPS61256A
www.ti.com
SLVSB07A – JULY 2011 – REVISED MARCH 2018
Product Folder Links: TPS61256A
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61256A synchronous step-up converter typically operates at a quasi-constant 3.5-MHz frequency pulse
width modulation (PWM) at moderate to heavy load currents. At light load currents, the TPS61256A converter
operates in power-save mode with pulse frequency modulation (PFM).
During PWM operation, the converter uses a novel quasi-constant on-time valley current mode control scheme to
achieve excellent line/load regulation and allows the use of a small ceramic inductor and capacitors. Based on
the VIN/VOUT ratio, a simple circuit predicts the required on-time.
At the beginning of the switching cycle, the low-side N-MOS switch is turned-on and the inductor current ramps
up to a peak current that is defined by the on-time and the inductance. In the second phase, once the on-timer
has expired, the rectifier is turned-on and the inductor current decays to a preset valley current threshold. Finally,
the switching cycle repeats by setting the on timer again and activating the low-side N-MOS switch.
In general, a dc/dc step-up converter can only operate in "true" boost mode, i.e. the output “boosted” by a certain
amount above the input voltage. The TPS61256A device operates differently as it can smoothly transition in and
out of zero duty cycle operation. Therefore the output can be kept as close as possible to its regulation limits
even though the converter is subject to an input voltage that tends to be excessive. Refer to the typical
characteristics section (DC Output Voltage vs. Input Voltage) for further details.
The current mode architecture with adaptive slope compensation provides excellent transient load response,
requiring minimal output filtering. Internal soft-start and loop compensation simplifies the design process while
minimizing the number of external components.
8.2 Softstart
The TPS61256A device has an internal softstart circuit that limits the inrush current during start-up. The first step
in the start-up cycle is the pre-charge phase. During pre-charge, the rectifying switch is turned on until the output
capacitor is charged to a value close to the input voltage. The rectifying switch is current limited (approx. 200mA)
during this phase. This mechanism is used to limit the output current under short-circuit condition.
Once the output capacitor has been biased to the input voltage, the converter starts switching. The soft-start
system progressively increases the on-time as a function of the input-to-output voltage ratio. As soon as the
output voltage is reached, the regulation loop takes control and full current operation is permitted.
8.3 Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and the battery
from excessive discharge. It disables the output stage of the converter once the falling VIN trips the under-voltage
lockout threshold VUVLO which is typically 2.0V. The device starts operation once the rising VIN trips VUVLO
threshold plus its hysteresis of 100 mV at typ. 2.1V.
8.4 Thermal Regulation
The TPS61256A device contains a thermal regulation loop that monitors the die temperature during the pre-
charge phase. If the die temperature rises to high values of about 110 °C, the device automatically reduces the
current to prevent the die temperature from increasing further. Once the die temperature drops about 10 °C
below the threshold, the device will automatically increase the current to the target value. This function also
reduces the current during a short-circuit condition.
8.5 Thermal Shutdown
As soon as the junction temperature, TJ, exceeds 140°C (typ.) the device goes into thermal shutdown. In this
mode, the high-side and low-side MOSFETs are turned-off. When the junction temperature falls below the
thermal shutdown minus its hysteresis, the device continuous the operation.


Similar Part No. - TPS61256A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256 TI1-TPS61256 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256 TI-TPS61256 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS612561A TI-TPS612561A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612561A TI1-TPS612561A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS612562CYFFR TI1-TPS612562CYFFR Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61256A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com