Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22917 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22917
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22917_18 Datasheet HTML 17Page - Texas Instruments TPS22917_18 Datasheet HTML 18Page - Texas Instruments TPS22917_18 Datasheet HTML 19Page - Texas Instruments TPS22917_18 Datasheet HTML 20Page - Texas Instruments TPS22917_18 Datasheet HTML 21Page - Texas Instruments TPS22917_18 Datasheet HTML 22Page - Texas Instruments TPS22917_18 Datasheet HTML 23Page - Texas Instruments TPS22917_18 Datasheet HTML 24Page - Texas Instruments TPS22917_18 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Feb-2018
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS22917DBVR
ACTIVE
SOT-23
DBV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1IAF
TPS22917DBVT
ACTIVE
SOT-23
DBV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 125
1IAF
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPS22917_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917DBVR TI-TPS22917DBVR Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVT TI-TPS22917DBVT Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917LDBVR TI-TPS22917LDBVR Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917X TI-TPS22917X Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results

Similar Description - TPS22917_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
[Old version datasheet]   Ultra-Low Leakage Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com