Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N3500 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N3500
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N3500 Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N3500 Datasheet HTML 1Page - Microsemi Corporation JAN2N3500 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON TRANSISTOR
Qualified per MIL-PRF-19500/366
Devices
Qualified Level
2N3498
2N3498L
2N3499
2N3499L
2N3500
2N3500L
2N3501
2N3501L
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
2N3498
*
2N3499
*
2N3500
*
2N3501
*
Unit
Collector-Emitter Voltage
VCEO
100
150
Vdc
Collector-Base Voltage
VCBO
100
150
Vdc
Emitter-Base Voltage
VEBO
6.0
6.0
Vdc
Collector Current
IC
500
300
mAdc
Total Power Dissipation
@ TA = 25
0C (1)
@ TC = 25
0C (2)
PT
1.0
5.0
W
W
Operating & Storage Junction Temp. Range
TJ, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance:
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
35
175
0C/W
*Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding devices
1) Derate linearly 5.71 W/
0C for TA > 250C
2) Derate linearly 28.6 W/
0C for TC > 250C
TO-5*
2N3498L, 2N3499L
2N3500L, 2N3501L
TO-39* (TO-205AD)
2N3498, 2N3499
2N3500, 2N3501
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N3498, 2N3499
2N3500, 2N3501
V(BR)CEO
100
150
Vdc
Collector-Base Cutoff Current
VCB = 50 Vdc
2N3498, 2N3499
VCB = 75 Vdc
2N3500, 2N3501
VCB = 100 Vdc
2N3498, 2N3499
VCB = 150 Vdc
2N3500, 2N3501
ICBO
50
50
10
10
ηAdc
ηAdc
µAdc
µAdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
VEB = 6.0 Vdc
IEBO
25
10
ηAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JAN2N3500

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3501UB MICROSEMI-JAN2N3501UB Datasheet
614Kb / 7P
   RADIATION HARDENED NPN SILICON SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
JAN2N3507 SEMICOA-JAN2N3507 Datasheet
517Kb / 2P
   Screening and processing per MIL-PRF-19500
More results

Similar Description - JAN2N3500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com