Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3890-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3890-Q1
Description  Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3890-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3890-Q1_18 Datasheet HTML 1Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 2Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 3Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 4Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 5Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 6Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 7Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 8Page - Texas Instruments TPS3890-Q1_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TPS3890-Q1
www.ti.com
SBVS303B – MARCH 2017 – REVISED FEBRUARY 2018
Product Folder Links: TPS3890-Q1
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
VHYST = [(VITP – VITN) / VITN] × 100%.
7.5 Electrical Characteristics
over the operating junction temperature range of –40°C to +125°C (TA = TJ), 1.5 V ≤ VDD ≤ 5.5 V, and MR = VDD (unless
otherwise noted); typical values are at VDD = 5.5 V and TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply voltage
1.5
5.5
V
VPOR
Power-on-reset voltage
VOL(max) = 0.2 V, IRESET = 15 µA
0.8
V
IDD
Supply current (into VDD pin)
VDD = 3.3 V, IRESET = 0 mA,
–40°C < TJ < 85°C
2.09
3.72
µA
VDD = 3.3 V, IRESET = 0 mA,
–40°C < TJ < 105°C
4.5
VDD= 3.3 V, IRESET = 0 mA
5.8
VDD = 5.5 V, IRESET = 0 mA,
–40°C < TJ < 85°C
2.29
4
VDD = 5.5 V, IRESET = 0 mA,
–40°C < TJ < 105°C
5.2
VDD = 5.5 V, IRESET = 0 mA
6.5
VITN, VITP
SENSE input threshold voltage
accuracy
–1%
±0.5%
1%
VHYST
Hysteresis(1)
0.325%
0.575%
0.825%
ISENSE
Input current
VSENSE = 5 V
8
µA
VSENSE = 5 V, TPS389001-Q1,
TPS389012-Q1
10
100
nA
ICT
CT pin charge current
0.90
1.15
1.35
µA
VCT
CT pin comparator threshold voltage
1.17
1.23
1.29
V
RCT
CT pin pulldown resistance
When RESET is deasserted
200
Ω
VIL
Low-level input voltage (MR pin)
0.25 × VDD
V
VIH
High-level output voltage
0.7 x VDD
V
VOL
Low-level output voltage
VDD ≥ 1.5 V, IRESET = 0.4 mA
0.25
V
VDD ≥ 2.7 V, IRESET = 2 mA
0.25
VDD ≥ 4.5 V, IRESET = 3 mA
0.3
ILKG(OD)
Open-drain output leakage
High impedance,
VSENSE = VRESET = 5.5 V
250
nA
(1)
Overdrive = | (VIN / VTHRESH – 1) × 100% |.
7.6 Timing Requirements
over the operating junction temperature range of –40°C to +125°C (TA = TJ), 1.5 V ≤ VDD ≤ 5.5 V, MR = VDD, and 5% input
overdrive
(1) (unless otherwise noted); typical values are at V
DD = 5.5 V and TJ = 25°C
MIN
NOM
MAX
UNIT
tPD(f)
SENSE (falling) to RESET propagation delay
CT = open, VDD = 3.3 V
18
µs
CT = open, VDD = 5.5 V
8
tPD(r)
SENSE (rising) to RESET propagation delay
CT = open, VDD = 3.3 V
25
µs
tGI(SENSE)
SENSE pin glitch immunity
VDD = 5.5 V
9
µs
tGI(MR)
MR pin glitch immunity
VDD = 5.5 V
100
ns
tMRW
MR pin pulse duration to assert RESET
1
µs
td(MR)
MR pin low to out delay
250
ns
tSTRT
Startup delay
325
µs


Similar Part No. - TPS3890-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3890-Q1 TI1-TPS3890-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Similar Description - TPS3890-Q1_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3890-Q1 TI1-TPS3890-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890-Q1 TI1-TPS3890-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3818 TI-TPS3818 Datasheet
633Kb / 16P
[Old version datasheet]   Low Quiescent Current, Accurate Programmable-Delay Supervisory Circuit
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com