Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAN2N3498 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN2N3498
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N3498 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN2N3498 Datasheet HTML 1Page - Microsemi Corporation JAN2N3498 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3498, L, 2N3499, L, 2N3500, L, 2N3501, L JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.1 mAdc, VCE = 10 Vdc
2N3498, 2N3500
2N3499, 2N3501
IC = 1.0 mAdc, VCE = 10 Vdc
2N3498, 2N3500
2N3499, 2N3501
IC = 10 mAdc, VCE = 10 Vdc
2N3498, 2N3500
2N3499, 2N3501
IC = 150 mAdc, VCE = 10 Vdc
2N3498, 2N3500
2N3499, 2N3501
IC = 300 mAdc, VCE = 10 Vdc
2N3500
2N3501
IC = 500 mAdc, VCE = 10 Vdc
2N3498
2N3499
hFE
20
35
25
50
35
75
40
100
15
20
15
20
120
300
Collector-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
All Types
IC = 300 mAdc, IB = 30 mAdc
2N3498, 2N349
IC = 150 mAdc, IB = 15 mAdc
2N3500, 2N3501
VCE(sat)
0.2
0.6
0.4
Vdc
Base-Emitter Saturation Voltage
IC = 10 mAdc, IB = 1.0 mAdc
All Types
IC = 300 mAdc, IB = 30 mAdc
2N3498, 2N3499
IC = 150 mAdc, IB = 15 mAdc
2N3500, 2N3501
VBE(sat)
0.8
1.4
1.2
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio, Magnitude
IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz
hfe
1.5
8.0
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
2N3498, 2N3499
2N3500, 2N3501
Cobo
10
8.0
pF
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
80
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VEB = 5 Vdc; IC = 150 mAdc; IB1 = 15 mAdc
ton
115
ηs
Turn-Off Time
IC = 150 mAdc; IB1 = IB2 = -15 mAdc
toff
1150
ηs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, t
r ≥ 10 ηs; 1 Cycle, t = 1.0 s
Test 1
VCE = 10 Vdc, IC = 500 mAdc
2N3498, 2N3499
VCE = 16.67 Vdc, IC = 300 mAdc
2N3500, 2N3501
Test 2
VCE = 50 Vdc, IC = 100 mAdc
All Types
Test 3
VCE = 80 Vdc, IC = 40 mAdc
All Types
Clamped Switching
TA = +25
0C
Test 1
IB = 85 mAdc, IC = 500 mAdc
2N3498, 2N3499
IB = 50 mAdc, IC = 300 mAdc
2N3500, 2N3501
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - JAN2N3498

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3421 MICROSEMI-JAN2N3421 Datasheet
342Kb / 6P
   NPN MEDIUM POWER SILICON TRANSISTOR
JAN2N3439 MICROSEMI-JAN2N3439 Datasheet
312Kb / 6P
   This family of high-frequency, epitaxial planar transistors feature low saturation voltage.
JAN2N3439 MICROSEMI-JAN2N3439 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
logo
Solitron Devices Inc.
JAN2N3439 SOLITRON-JAN2N3439 Datasheet
136Kb / 2P
   NPN LOW POWER TRANSISTORS - 1
logo
Microsemi Corporation
JAN2N3439E3 MICROSEMI-JAN2N3439E3 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - JAN2N3498

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com