Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6424-12TQ Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61LV6424-12TQ
Description  64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6424-12TQ Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61LV6424-12TQ Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV6424-12TQ Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IS61LV6424
Integrated Circuit Solution Inc.
S2-97
AHSR012-0D
1
2
3
4
5
6
7
8
9
10
11
12
OPERATING RANGE
Range
Ambient Temperature
VCC (9, 10 ns)
VCC (12, 15 ns)
Commercial
0°C to +70°C
3.3V + 10%, – 5%
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V + 10%, – 5%
3.3V ± 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3V
VIL
Input LOW Voltage(1)
–0.30.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled
–1
1
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width
≤ 2.0 ns).
VIH (max.) = VCC + 0.3V DC; VIH (max.) = VCC + 2.0V AC (pulse width
≤ 2.0 ns).
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage Relative to GND
–0.5 to 5.0
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TSTG
Storage Temperature
–65 to + 150
°C
TBIAS
Temperature Under Bias:
Com.
–10 to + 85
°C
Ind.
–45 to + 90
°C
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
±20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
Mode
CE1
CE1
CE1
CE1
CE1
CE2
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
V/
S
S
S
S
S
I/O0-I/O23
Vcc Current
Not Selected
H
XXXX
High-Z
ISB1, ISB2
X
H
X
X
X
High-Z
Read Using X/Y
LHLH
H
DOUT
ICC
Read Using A15
L
H
L
H
L
DOUT
ICC
Write Using X/Y
LH
X
L
H
DIN
ICC
Write Using A15
L
H
X
L
L
DIN
ICC
Output Disable
L
H
H
H
X
High-Z
ICC


Similar Part No. - IS61LV6424-12TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416-10 ICSI-IS61LV6416-10 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10B ICSI-IS61LV6416-10B Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
IS61LV6416-10BI ICSI-IS61LV6416-10BI Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results

Similar Description - IS61LV6424-12TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com