Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62UV1027JC-10 Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62UV1027JC-10
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV1027JC-10 Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62UV1027JC-10 Datasheet HTML 1Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV1027JC-10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Revision 2.1
Jan.
2004
3
R0201-BS62UV1027
BSI
BS62UV1027
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=2.0V
0.6
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=3.0V
-0.3
(5)
--
0.8
V
Vcc=2.0V
1.4
VIH
Guaranteed Input High
Voltage
(2)
Vcc=3.0V
2.0
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE1= VIH, CE2= VIL, or
OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
Vcc = Max, IOL = 0.1mA
Vcc=2.0V
0.2
VOL
Output Low Voltage
Vcc = Max, IOL = 2.0mA
Vcc=3.0V
--
--
0.4
V
Vcc = Min, IOH = -0.1mA
Vcc=2.0V
Vcc-0.2
VOH
Output High Voltage
Vcc = Min, IOH = -1.0mA
Vcc=3.0V
2.4
--
--
V
Vcc=2.0V
--
--
8
ICC
Operating Power Supply
Current
CE1 = VIL, CE2 = VIH,
IDQ = 0mA, F = Fmax
(3)
Vcc=3.0V
--
--
15
mA
Vcc=2.0V
--
--
0.1
ICCSB
Standby Current-TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
Vcc=3.0V
--
--
0.5
mA
Vcc=2.0V
--
0.05
1.0
ICCSB1
(4)
Standby Current-CMOS
CE1≧Vcc-0.2V or CE2≦0.2V,
VIN≧Vcc-0.2V or VIN≦0.2V
Vcc=3.0V
--
0.10
2.5
uA
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
4. IccSB1(Max.) is 0.5uA/1.3uA at Vcc=2.0V/3.0V and TA=70oC.
5. VIL = -1.5V for pulse width less than 30ns
DATA RETENTION CHARACTERISTICS ( TA = -40oC to + 85oC )
1. Vcc = 1.2V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR(Max.) is 0.2uA at TA=70OC.
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.2V
CE1
Vcc - 0.2V
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.2
--
--
V
ICCDR
(3)
Data Retention Current
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.03
0.3
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR ≧ 1.2V
CE2 ≦ 0.2V


Similar Part No. - BS62UV1027JC-10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DC BSI-BS62UV1024DC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DI BSI-BS62UV1024DI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JC BSI-BS62UV1024JC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JI BSI-BS62UV1024JI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62UV1027JC-10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com