Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPC467064EL20 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064EL20
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064EL20 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  HPC467064EL20 Datasheet HTML 1Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 2Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 3Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 4Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 5Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 6Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 7Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 8Page - National Semiconductor (TI) HPC467064EL20 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
30 MHz
AC Electrical Characteristics
(See Notes 1 and 4 and
Figures 1 thru 5 ) VCC e 5V g10% TA e 0 Cto a70 C for HPC467064
Symbol and Formula
Parameter
Min
Max
Units
Notes
fC
CKI Operating Frequency
2
30
MHz
tC1 e 1fC
CKI Clock Period
33
500
ns
tCKIH
CKI High Time
225
ns
tCKIL
CKI Low Time
225
ns
tC e 2fC
CPU Timing Cycle
66
ns
tWAIT e tC
CPU Wait State Period
66
ns
tDC1C2R
Delay of CK2 Rising Edge after CKI Falling Edge
0
55
ns
(Note 2)
tDC1C2F
Delay of CK2 Falling Edge after CKI Falling Edge
0
55
ns
(Note 2)
fU e fC 8
External UART Clock Input Frequency
375
MHz
fMW
External MICROWIREPLUS Clock Input Frequency
1875
MHz
fXIN e fC 22
External Timer Input Frequency
1364
MHz
tXIN e tC
Pulse Width for Timer Inputs
66
ns
tUWS
MICROWIRE Setup TimeMaster
100
ns
MICROWIRE Setup TimeSlave
20
tUWH
MICROWIRE Hold TimeMaster
20
ns
MICROWIRE Hold TimeSlave
50
tUWV
MICROWIRE Output Valid TimeMaster
50
ns
MICROWIRE Output Valid TimeSlave
150
tSALE e
tC a 40
HLD Falling Edge before ALE Rising Edge
90
ns
tHWP e tC a 10
HLD Pulse Width
76
ns
tHAE e tC a 85
HLDA Falling Edge after HLD Falling Edge
151
ns
(Note 3)
tHAD e
tC a 85
HLDA Rising Edge after HLD Rising Edge
135
ns
tBF e
tC a 66
Bus Float after HLDA Falling Edge
99
ns
(Note 5)
tBE e
tC a 66
Bus Enable after HLDA Rising Edge
99
ns
(Note 5)
tUAS
Address Setup Time to Falling Edge of URD
10
ns
tUAH
Address Hold Time from Rising Edge of URD
10
ns
tRPW
URD Pulse Width
100
ns
tOE
URD Falling Edge to Output Data Valid
0
60
ns
tOD
Rising Edge of URD to Output Data Invalid
5
45
ns
(Note 6)
tDRDY
RDRDY Delay from Rising Edge of URD
70
ns
tWDW
UWR Pulse Width
40
ns
tUDS
Input Data Valid before Rising Edge of UWR
10
ns
tUDH
Input Data Hold after Rising Edge of UWR
20
ns
tA
WRRDY Delay from Rising Edge of UWR
70
ns
tDC1ALER
Delay from CKI Rising Edge to ALE Rising Edge
0
35
ns
(Notes 1 2)
tDC1ALEF
Delay from CKI Rising Edge to ALE Falling Edge
0
35
ns
(Notes 1 2)
tDC2ALER e
tC a 20
Delay from CK2 Rising Edge to ALE Rising Edge
37
ns
tDC2ALEF e
tC a 20
Delay from CK2 Falling Edge to ALE Falling Edge
37
ns
tLL e
tC b 9
ALE Pulse Width
24
ns
tST e
tC b 7
Setup of Address Valid before ALE Falling Edge
9
ns
tVP e
tC b 5
Hold of Address Valid after ALE Falling Edge
11
ns
5


Similar Part No. - HPC467064EL20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC46003 NSC-HPC46003 Datasheet
467Kb / 36P
   High-Performance microControllers
HPC46003V20 NSC-HPC46003V20 Datasheet
467Kb / 36P
   High-Performance microControllers
HPC46004 NSC-HPC46004 Datasheet
407Kb / 36P
   High-Performance microController
HPC46064 NSC-HPC46064 Datasheet
407Kb / 36P
   High-Performance microController
HPC46083 NSC-HPC46083 Datasheet
467Kb / 36P
   High-Performance microControllers
More results

Similar Description - HPC467064EL20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
   16K BIT CMOS UV ERASABLE PROM
logo
Zilog, Inc.
Z86E61 ZILOG-Z86E61 Datasheet
466Kb / 44P
   CMOS Z8 16K/32K EPROM MICROCONTROLLER
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
Zilog, Inc.
Z86E6116PSC ZILOG-Z86E6116PSC Datasheet
2Mb / 69P
   Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
logo
National Semiconductor ...
NMC27C128B NSC-NMC27C128B Datasheet
366Kb / 10P
   High Speed Version 131,072-Bit(16k x 8) UV Erasable CMOS PROM
logo
NTE Electronics
NTE2716 NTE-NTE2716 Datasheet
34Kb / 5P
   Integrated Circuit NMOS, 16K UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com