Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT28F016B3B90 Datasheet(PDF) 9 Page - Intel Corporation

Part # GT28F016B3B90
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F016B3B90 Datasheet(HTML) 9 Page - Intel Corporation

Back Button GT28F016B3B90 Datasheet HTML 5Page - Intel Corporation GT28F016B3B90 Datasheet HTML 6Page - Intel Corporation GT28F016B3B90 Datasheet HTML 7Page - Intel Corporation GT28F016B3B90 Datasheet HTML 8Page - Intel Corporation GT28F016B3B90 Datasheet HTML 9Page - Intel Corporation GT28F016B3B90 Datasheet HTML 10Page - Intel Corporation GT28F016B3B90 Datasheet HTML 11Page - Intel Corporation GT28F016B3B90 Datasheet HTML 12Page - Intel Corporation GT28F016B3B90 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
9
PRELIMINARY
A
13
A
14
A
15
A
16
V
CCQ
A
11
A
10
A
12
D
14
D
15
A
8
WE#
A
9
D
5
D
6
V
PP
RP#
D
11
D
12
WP#
A
18
A
20
D
2
D
3
A
19
A
17
A
6
D
8
D
9
A
7
A
5
A
3
CE#
D
0
A
4
A
2
A
1
A
0
GND
GND
D
7
D
13
D
4
V
CC
D
10
D
1
OE#
A
B
C
D
E
F
13
25
47
68
16M
32M
8M
0580_03
NOTES:
1.
Shaded connections indicate the upgrade address connections. Lower density devices will not have the upper address
solder balls. Routing is not recommended in this area. A19 is the upgrade address for the 16-Mbit device. A20 is the
upgrade address for the 32-Mbit device.
2.
4-Mbit density not available in
µBGA* CSP.
Figure 4. x16 48-Ball
µBGA* Chip Size Package (Top View, Ball Down)


Similar Part No. - GT28F016B3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F016B3B120 INTEL-GT28F016B3B120 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
GT28F016B3B150 INTEL-GT28F016B3B150 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
GT28F016B3BA110 INTEL-GT28F016B3BA110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GT28F016B3BA90 INTEL-GT28F016B3BA90 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - GT28F016B3B90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com