Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG538ADJ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG538ADJ
Description  4-/8-Channel Wideband Video Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG538ADJ Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG538ADJ Datasheet HTML 3Page - Vishay Siliconix DG538ADJ Datasheet HTML 4Page - Vishay Siliconix DG538ADJ Datasheet HTML 5Page - Vishay Siliconix DG538ADJ Datasheet HTML 6Page - Vishay Siliconix DG538ADJ Datasheet HTML 7Page - Vishay Siliconix DG538ADJ Datasheet HTML 8Page - Vishay Siliconix DG538ADJ Datasheet HTML 9Page - Vishay Siliconix DG538ADJ Datasheet HTML 10Page - Vishay Siliconix DG538ADJ Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DG534A/538A
Vishay Siliconix
Document Number: 70069
S-05734—Rev. G, 29-Jan-02
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Supply Currents vs. Temperature
Leakage vs. Temperature
rDS(on) vs. VD and Temperature
Adjacent Input Crosstalk vs. Frequency
Address, EN Output Current vs. Temperature
rDS(on) vs. V–, V+
Temperature (
_C)
Temperature (
_C)
Temperature (
_C)
V– – Negative Supply (V)
VD – Drain Voltage (V)
f – Frequency (MHz)
1.4
1.0
0.6
–0.2
–0.6
–1.4
70
60
50
40
30
–6
–5
–4
–3
–2
–10
–40
–20
0
20
40
60
80
100
120
–40
–20
0
20
40
60
80
100
120
V+ = 15 V
V– = –3 V
VL = 5 V
I+
IS(off)
ID(on)
V+ = 10 V
V+ = 12 V
V+ = 15 V
VD = 0 V
VL = 5 V
IS = –10 mA
8
0
–8
–16
–32
–40
–20
0
20
40
60
80
100
120
0.2
–1.0
V+ = 15 V
V– = –3 V
VL = 5 V
I–
–24
(Source)
IL
1
mA
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
VAO = 0.4 V
VAO = 2.7 V
V+ = 15 V
V– = –3 V
VL = 5 V
200
180
160
140
120
–2
0
24
68
10
100
80
60
40
20
–100
–80
–60
–40
–20
1
10
100
V+ = 15 V
V– = –3 V
VL = 5 V
IS = – 10 mA
V+ = 15 V
V– = –3 V
VL = 5 V
RIN = 10 W
RL = 10 kW
125
_C
–55
_C
PLCC
DIP
ID(off)
25
_C
(Sink)


Similar Part No. - DG538ADJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG538A VISHAY-DG538A Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG538AAP/883 VISHAY-DG538AAP/883 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
More results

Similar Description - DG538ADJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG534A VISHAY-DG534A_V01 Datasheet
152Kb / 17P
   4-/8-Channel Wideband Video Multiplexers
18-Jul-08
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
   16-Channel Wideband Video Multiplexers
Rev. D, 05-Oct-00
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
   16-Channel Wideband Video Multiplexers
Rev. E, 25-Jun-07
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com