Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8611VABKS-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8611VABKS-RL
Description  Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8611VABKS-RL Datasheet(HTML) 1 Page - Analog Devices

  ADM8611VABKS-RL Datasheet HTML 1Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 2Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 3Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 4Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 5Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 6Page - Analog Devices ADM8611VABKS-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low-Voltage Manual Reset & Watchdog
Supervisory Circuits in 4-Lead SC70
Preliminary Technical Data
ADM8611/ADM8616/ADM8617/ADM8618
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Precision 1.8V to 5V Power Supply Monitoring
9 Reset Threshold Options:
1.58V to 4.63V
140ms (Min) Reset Timeout
Manual Reset Input (ADM8611)
Watchdog Timer (ADM8616–ADM8618)
Reset Output Stages
Push-Pull Active-Low
Open-Drain Active-Low
Push-Pull Active-High
Low Power Consumption (3µA)
Guaranteed Reset Output valid to VCC=1V
Power Supply Glitch Immunity
Specified Over -40°C to +85°C Temperature Range
4-Lead SC70 Package
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Portable Equipment
GENERAL DESCRIPTION
The ADM8611/ADM8616/ADM8617/ADM8618 are
supervisory circuits which monitor power supply voltage levels
and code execution integrity in microprocessor-based systems.
A power-on-reset signal is generated when the supply voltage
rises to a preset threshold level. The ADM8611’s debounced
manual reset input can be used to initiate a reset by means of an
external push-button or logic signal. The ADM8616–ADM8618
have an on-chip watchdog timer which can reset the
microprocessor if it fails to strobe within a preset timeout
period.
FUNCTIONAL BLOCK DIAGRAMS
RESET
GENERATOR
GND
RESET
VCC
VREF
VCC
ADM8616
WATCHDOG
DETECTOR
WDI
Figure 1.
Each part is available in a choice of the following 9 reset
threshold options: 1.58V, 1.67V, 2.19V, 2.32V, 2.63V, 2.93V,
3.08V, 4.38V and 4.63V. The reset timeout periods are 20ms
(min) and 140ms (min) for the ADM8611 and ADM8616–
ADM8618, respectively. The watchdog timeout period is 1.6s
(typ). The parts differ in terms of reset output configuration, as
indicated in table 1.
The ADM8611/ADM8616/ADM8617/ADM8618 are available
in 4-lead SC70 packages and typically consume only 3µA,
making them suitable for use in low power portable
applications.
Table 1. Selection Table
Output Stage
Part No.
Manual Reset
Watchdog
RESET
RESET
ADM8611
Yes
-
Push-Pull
ADM8616
-
Yes
Push-Pull
ADM8617
-
Yes
Open-Drain
ADM8618
-
Yes
Push-Pull


Similar Part No. - ADM8611VABKS-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611-EVALZ AD-ADM8611-EVALZ Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N263ACBZ-R7 AD-ADM8611N263ACBZ-R7 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611N293ACBZ-R7 AD-ADM8611N293ACBZ-R7 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
More results

Similar Description - ADM8611VABKS-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8616 AD-ADM8616_07 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8616 AD-ADM8616_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM8617 AD-ADM8617_15 Datasheet
278Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog in 4-Lead SC70
REV. B
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823_VC AD-ADM823_VC Datasheet
197Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823RYRJZ-R7 AD-ADM823RYRJZ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com