Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1648KV18 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C1648KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1648KV18 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C1648KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 21Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Document Number: 001-44061 Rev. *L
Page 18 of 29
CY7C1648KV18
CY7C1650KV18
Power Up Sequence in DDR II+ SRAM
DDR II+ SRAMs must be powered up and initialized in a
predefined manner to prevent undefined operations.
Power Up Sequence
Apply power and drive DOFF either high or low (all other inputs
can be high or low).
Apply VDD before VDDQ.
Apply VDDQ before VREF or at the same time as VREF.
Drive DOFF high.
Provide stable DOFF (high), power and clock (K, K) for 20 s
to lock the PLL
PLL Constraints
PLL uses K clock as its synchronizing input. The input must
have low phase jitter, which is specified as tKC Var.
The PLL functions at frequencies down to 120 MHz.
If the input clock is unstable and the PLL is enabled, then the
PLL may lock onto an incorrect frequency, causing unstable
SRAM behavior. To avoid this, provide 20
s of stable clock to
relock to the desired clock frequency.
Figure 4. Power Up Waveforms
> 20μs Stable clock
Start Normal
Operation
DOFF
Stable (< +/- 0.1V DC per 50ns )
Fix HIGH (or tie to VDDQ)
K
K
DDQ
DD
V
V
/
DDQ
DD
V
V
/
Clock Start (Clock Starts after
Stable)
DDQ
DD
V
V
/
Unstable Clock


Similar Part No. - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18-400BZXC CYPRESS-CY7C1648KV18-400BZXC Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com