Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1648KV18 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY7C1648KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1648KV18 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C1648KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1648KV18 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Document Number: 001-44061 Rev. *L
Page 14 of 29
CY7C1648KV18
CY7C1650KV18
TAP AC Switching Characteristics
Over the Operating Range
Parameter [16, 17]
Description
Min
Max
Unit
tTCYC
TCK clock cycle time
50
ns
tTF
TCK clock frequency
20
MHz
tTH
TCK clock high
20
ns
tTL
TCK clock low
20
ns
Setup Times
tTMSS
TMS setup to TCK clock rise
5
ns
tTDIS
TDI setup to TCK clock rise
5
ns
tCS
Capture setup to TCK rise
5
ns
Hold Times
tTMSH
TMS hold after TCK clock rise
5
ns
tTDIH
TDI hold after clock rise
5
ns
tCH
Capture hold after clock rise
5
ns
Output Times
tTDOV
TCK clock low to TDO valid
10
ns
tTDOX
TCK clock low to TDO invalid
0
ns
Notes
16. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
17. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.


Similar Part No. - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18-400BZXC CYPRESS-CY7C1648KV18-400BZXC Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1648KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C2644KV18 CYPRESS-CY7C2644KV18 Datasheet
840Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2642KV18 CYPRESS-CY7C2642KV18 Datasheet
885Kb / 30P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com