Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1618KV18 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY7C1618KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 17 of 32
CY7C1618KV18/CY7C1620KV18
TAP Timing and Test Conditions
Figure 3 shows the TAP timing and test conditions. [18]
Figure 3. TAP Timing and Test Conditions
tTL
tTH
(a)
TDO
CL = 20 pF
Z0 = 50
GND
0.9 V
50
1.8 V
0 V
ALL INPUT PULSES
0.9 V
Test Clock
Test Mode Select
TCK
TMS
Test Data In
TDI
Test Data Out
tTCYC
tTMSH
tTMSS
tTDIS
tTDIH
tTDOV
tTDOX
TDO
Note
18. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.


Similar Part No. - CY7C1618KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1618KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com