Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1618KV18 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CY7C1618KV18
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1618KV18 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CY7C1618KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 27Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 28Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 29Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 30Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 31Page - Cypress Semiconductor CY7C1618KV18 Datasheet HTML 32Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Document Number: 001-44274 Rev. *N
Page 31 of 32
CY7C1618KV18/CY7C1620KV18
*G (cont.)
3565554
03/29/2012
PRIT
Updated Electrical Characteristics (Updated DC Electrical Characteristics
(Removed CY7C1616KV18, CY7C1627KV18 related information, removed
250 MHz, 200 MHz, and 167 MHz frequencies related information, removed
300 MHz frequency related information for only CY7C1620KV18)).
Updated Switching Characteristics (Removed 250 MHz, 200 MHz, and
167 MHz frequencies related information).
Updated Ordering Information (Updated part numbers).
*H
3702845
08/06/2012
PRIT
Updated Selection Guide (Included 250 MHz frequency related information).
Updated Electrical Characteristics (Updated DC Electrical Characteristics
(Included 250 MHz frequency related information)).
Updated Switching Characteristics (Included 250 MHz frequency related
information).
Updated Ordering Information (Updated part numbers).
*I
3800880
11/02/2012
PRIT
No technical updates.
Completing Sunset Review.
*J
4372963
05/07/2014
PRIT
Updated Application Example:
Updated Figure 2.
Updated Thermal Resistance:
Updated values of
JA parameter.
Included
JB parameter and its details.
Updated to new template.
*K
4575228
11/20/2014
PRIT
Updated Functional Description:
Added “For a complete list of related documentation, click here.” at the end.
*L
5072740
01/05/2016
PRIT
Updated Package Diagram:
spec 51-85195 – Changed revision from *C to *D.
Updated to new template.
Completing Sunset Review.
*M
5131023
02/09/2016
PRIT
Updated Switching Waveforms:
Updated Read/Write/Deselect Sequence:
Updated Figure 6.
*N
5980689
11/30/2017
AESATMP9 Updated logo and copyright.
Document History Page (continued)
Document Title: CY7C1618KV18/CY7C1620KV18, 144-Mbit DDR II SRAM Two-Word Burst Architecture
Document Number: 001-44274
Rev.
ECN No.
Submission
Date
Orig. of
Change
Description of Change


Similar Part No. - CY7C1618KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1618KV18-300BZXC CYPRESS-CY7C1618KV18-300BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1618KV18-333BZXC CYPRESS-CY7C1618KV18-333BZXC Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1618KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com