Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444KV33 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1444KV33
Description  36-Mbit (1M36/2M18) Pipelined DCD Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444KV33 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1444KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY7C1444KV33
CY7C1445KV33
Document Number: 001-66678 Rev. *G
Page 9 of 22
Partial Truth Table for Read/Write
The Partial Truth Table for Read/Write for CY7C1444KV33 is as follows [7, 8].
Function (CY7C1444KV33)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
XX
XX
Read
H
L
HH
HH
Write byte A – (DQA and DQPA)H
L
H
H
H
L
Write byte B – (DQB and DQPB)H
L
H
H
L
H
Write bytes B, A
H
L
H
H
L
L
Write byte C – (DQC and DQPC)H
L
H
L
H
H
Write bytes C, A
H
L
H
L
H
L
Write bytes C, B
H
L
H
L
L
H
Write bytes C, B, A
H
L
H
L
L
L
Write byte D – (DQD and DQPD)H
L
L
H
H
H
Write bytes D, A
H
L
L
H
H
L
Write bytes D, B
H
L
L
H
L
H
Write bytes D, B, A
H
L
L
H
L
L
Write bytes D, C
H
L
L
L
H
H
Write bytes D, C, A
H
L
L
L
H
L
Write bytes D, C, B
H
L
L
L
L
H
Write all bytes
H
LLL
LL
Write all bytes
L
X
X
X
X
X
Partial Truth Table for Read/Write
The Partial Truth Table for Read/Write for CY7C1445KV33 is as follows [7, 8].
Function (CY7C1445KV33)
GW
BWE
BWB
BWA
Read
H
H
X
X
Read
H
L
H
H
Write byte A – (DQA and DQPA)H
L
H
L
Write byte B – (DQB and DQPB)H
L
L
H
Write all bytes
H
L
L
L
Write all bytes
L
X
X
X
Notes
7. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
8. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid Appropriate write will be done based on which byte write is active.


Similar Part No. - CY7C1444KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167AXC CYPRESS-CY7C1444AV25-167AXC Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167AXI CYPRESS-CY7C1444AV25-167AXI Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167BZC CYPRESS-CY7C1444AV25-167BZC Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167BZI CYPRESS-CY7C1444AV25-167BZI Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com