Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE8201PFBR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE8201PFBR
Description  IF Analog-to-Digital Converter with Digital Downconverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE8201PFBR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button AFE8201PFBR Datasheet HTML 5Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 6Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 7Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 8Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 9Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 10Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 11Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 12Page - Burr-Brown (TI) AFE8201PFBR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AFE8201
SBWS016A − OCTOBER 2003 − REVISED JANUARY 2005
www.ti.com
9
The read cycle is illustrated in Figure 7. It is similar to the write cycle, except that instead of the data word being
clocked into MOSI during the second half of the cycle, the data word is clocked out of MISO. The two data read
instructions are similar to the corresponding data write instructions and are shown in Figure 8 and Figure 9.
SCK
CS_N
MOSI
MSB
LSB
MSB
LSB
MISO
Instruction
Data
Figure 7. Single Data Word Control Interface Read Cycle for Registers or Memory
0
1
0
REG_ADDR
Don’t Care
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 8. Register Read Instruction Format
011
MEM_ADDR
MEM
Don’t Care
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Figure 9. Memory Read Instruction Format
Block transfers are supported for memory reading and writing. Multiple data words are transmitted following the
memory read or write instruction for a block transfer. The data words are sequentially read from or written to RAM
sequentially starting at the address contained in the instruction. The sequential RAM access terminates when the
CS_N line goes high. Figure 10 shows a memory block read cycle. In the illustration, three successive memory
locations are read starting at address N. The memory block write cycle is similar, except of course data is clocked
into MOSI.
SCK
CS_N
MSB
LSB
MSB
LSB
MISO
Instruction
Data (N)
Data (N + 1)
Data (N + 2)
Figure 10. Block Memory Read Cycle Control Interface
In all cases, the control interface is reset when CS_N goes high. If the final SCK is not received before CS_N goes
high, then the cycle will end prematurely. For a read cycle, transfer of data will terminate; for a write cycle, no data
will be written to register or memory.


Similar Part No. - AFE8201PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8220-Q1 TI1-AFE8220-Q1 Datasheet
874Kb / 49P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
AFE8220IPZPQ1 TI1-AFE8220IPZPQ1 Datasheet
874Kb / 49P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
AFE8220TPZPQ1 TI1-AFE8220TPZPQ1 Datasheet
874Kb / 49P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
AFE8221-Q1 TI1-AFE8221-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT-END FOR DIGITAL RADIO
More results

Similar Description - AFE8201PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com