Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3502ASU Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3502ASU
Description  CDMA Power Management System
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3502ASU Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3502ASU Datasheet HTML 7Page - Analog Devices ADP3502ASU Datasheet HTML 8Page - Analog Devices ADP3502ASU Datasheet HTML 9Page - Analog Devices ADP3502ASU Datasheet HTML 10Page - Analog Devices ADP3502ASU Datasheet HTML 11Page - Analog Devices ADP3502ASU Datasheet HTML 12Page - Analog Devices ADP3502ASU Datasheet HTML 13Page - Analog Devices ADP3502ASU Datasheet HTML 14Page - Analog Devices ADP3502ASU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
REV. 0
ADP3502
–11–
PIN FUNCTION DESCRIPTION (continued)
Pin
No.
Mnemonic
I/O
Supply
Function
54
BVS
Battery voltage sense input for charger. Connect to battery with a separate low current
trace
55
NRCAP
O
VBAT
Noise reduction capacitor, 0.1
µF MLCC
56
AGND
Analog Ground
57
MVBAT
O
VBAT
Battery voltage divider output. Buffered internally. Connect to baseband ADC.
58
BASE
O
ADAPTER
Base drive output for PNP pass transistor
59
ADAPTER
AC Adapter Input
60
ADPSUPPLYI
ADAPTER
Supply bias current to charging related blocks
61
ISENSE
I
ADAPTER
Charge current sense input
62
PWRONKEY–
I
VBAT
Power ON/OFF key input. Pulled up internally with 140 k
Ω.
63
OPT1–
I
VBAT
Optional power ON input. ADP3502 will keep power on when this pin goes low.
64
OPT2–
I/O
VBAT
Optional power ON input. ADP3502 will keep power on when this pin goes low.
While the part is powered up, the input is pulled low (GND) internally. Do not con-
nect to any supply or signal source.


Similar Part No. - ADP3502ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
   CDMA Power Management System
REV. 0
More results

Similar Description - ADP3502ASU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
   CDMA Power Management System
REV. 0
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
   CDMA Power Management System
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
   CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
   CDMA Power Management System
REV. 0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
   CDMA Power Management Unit
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
[Old version datasheet]   CDMA Power Management Unit
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com