Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-181325-078X Datasheet(PDF) 2 Page - CUI INC

Part # CMS-181325-078X
Description  SPEAKER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMS-181325-078X Datasheet(HTML) 2 Page - CUI INC

  CMS-181325-078X Datasheet HTML 1Page - CUI INC CMS-181325-078X Datasheet HTML 2Page - CUI INC CMS-181325-078X Datasheet HTML 3Page - CUI INC CMS-181325-078X Datasheet HTML 4Page - CUI INC CMS-181325-078X Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: CMS-181325-078X │ DESCRIPTION: SPEAKER
date 03/23/2018
│ page 2 of 5
MECHANICAL DRAWINGS
Recommended
Pad Layout
units: mm
tolerance: ±0.2 mm
Red“+”
Black“-”
SPRING CONTACTS
SOLDER PADS
WIRE LEADS
wire: UL 1571, 32 AWG
For more information, please visit the product page.


Similar Part No. - CMS-181325-078X

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-181325-078X CUI-CMS-181325-078X Datasheet
589Kb / 6P
   SPEAKER
10/23/2020
CMS-181325-078X-67 CUI-CMS-181325-078X-67 Datasheet
482Kb / 5P
   SPEAKER
CMS-181325-078X CUI-CMS-181325-078X_V01 Datasheet
589Kb / 6P
   SPEAKER
10/23/2020
More results

Similar Description - CMS-181325-078X

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
   Loud Speaker & Notebook Speaker
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
   Speaker
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
   Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
   Speaker
AS04008PO-2-R PUI-AS04008PO-2-R Datasheet
283Kb / 1P
   Speaker
AS04008PO-R PUI-AS04008PO-R Datasheet
256Kb / 1P
   Speaker
AS04008PS-2-R PUI-AS04008PS-2-R Datasheet
311Kb / 1P
   Speaker
AS04008PS-4W-WR-R PUI-AS04008PS-4W-WR-R Datasheet
300Kb / 1P
   Speaker
AS07108PO-R PUI-AS07108PO-R Datasheet
330Kb / 1P
   Speaker
AS09008PO-2-R PUI-AS09008PO-2-R Datasheet
313Kb / 1P
   Speaker
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
   Speaker
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com