Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8383ACPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8383ACPZ
Description  Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8383ACPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8383ACPZ Datasheet HTML 5Page - Analog Devices AD8383ACPZ Datasheet HTML 6Page - Analog Devices AD8383ACPZ Datasheet HTML 7Page - Analog Devices AD8383ACPZ Datasheet HTML 8Page - Analog Devices AD8383ACPZ Datasheet HTML 9Page - Analog Devices AD8383ACPZ Datasheet HTML 10Page - Analog Devices AD8383ACPZ Datasheet HTML 11Page - Analog Devices AD8383ACPZ Datasheet HTML 12Page - Analog Devices AD8383ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8383
Rev. 0 | Page 9 of 16
APPLICATIONS
The V1 and V2 inputs in these systems are tied together and are
normally connected to VCOM, as shown in Figure 6.
V2
V1
VCOM
AD8383
Figure 6. Standard Connection Diagram
The transfer function of the AD8383 is shown in Figure 7 for
V2 = V1 = VCOM.
VBIAS = 1V
VCOM
VFS = 5V
VFS = 5V
RESERVED
CODE
RANGE
VBIAS = 1V
1023
820
Figure 7. Output Transfer Function for Standard Connection
EXTERNAL VBIAS GENERATION
In systems that require improved brightness resolution and
higher accuracy, the V1 and V2 inputs, connected to external
voltage references, provide the necessary VBIAS while allowing
the full code range to be used for gamma correction.
V1 sets the white drive voltage while INV = LOW and V2 sets
the white drive voltage while INV = HIGH. V1 and V2 are
defined as
V1 = VCOM – VBIAS
V2 = VCOM + VBIAS
To ensure a symmetrical ac driving voltage, the difference
between V2 and VCOM must be equal to the difference
between VCOM and V1.
(V2 – VCOM) = (VCOM – V1)
The circuit in Figure 8 ensures symmetry to within 1 mV with a
minimum component count. Bypass capacitors are not shown
for clarity.
The transfer function and the input symmetry error of the
AD8383 are shown in Figure 9 when the circuit of Figure 8 is
used to generate VBIAS.
AVCC = 15.5V
VZ = 5.1V
DVCC = 3.3V
VCOM = 7V
R1 = 6k
R2 = 1k
V2 = 8V
V1 = 6V
V2
V1
AD8383
AD8132
6
3
2
1
8
V–
V+
VCOM
–IN
+IN
5
4
Figure 8. High Accuracy Reference Circuit
VBIAS = 1V
VCOM
V2
V1
VFS = 4V
VFS = 4V
VBIAS = 1V
THE AD8383, IN THE APPLICATIONS
CIRCUIT SHOWN, TYPICALLY PRODUCES
A SYMMETRICAL OUTPUT AT 85°C WHEN
ITS SUPPLY, (V+) – (V–), IS AT 7.2V.
1023
Figure 9. Transfer Function for High Accuracy Reference Applications
5.7
6.2
6.7
7.2
7.7
8.2
8.7
9.2
9.7
10.2
10.7
–8.75
–6.25
–3.75
1.25
3.75
6.25
7.50
8.75
–1.25
–7.50
–5.00
0.00
2.50
5.00
–2.50
V+ – V(V)
TA = 85°C
TA = 25°C
TYPICAL ASYMMETRY AT THE OUTPUTS OF THE
AD8383 VERSUS ITS POWER SUPPLY FOR THE
APPLICATION CIRCUIT
Figure 10. Accuracy for High Accuracy Reference Applications


Similar Part No. - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
More results

Similar Description - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com