Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACD2203S8GP1 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ACD2203S8GP1
Description  CATV/TV/Video Downconverter with Dual Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2203S8GP1 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ACD2203S8GP1 Datasheet HTML 6Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 7Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 8Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 9Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 10Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 11Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 12Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 13Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
PRELIMINARY DATA SHEET - Rev 1.3
12/2003
ACD2203
Figure 17: Typical Conversion Gain and Noise
Figure vs. LNA/Mixer Current Control Resistor R1
(T = +25 °C, V = +5 V, f
= 1042 MHz)
A
DD
LO2
10
11
12
13
14
15
0
5
10
15
20
25
R1Resistor Value(W )
3.0
3.4
3.8
4.2
4.6
5.0
ConversionGain
NoiseFigure
Figure 18: Typical Total Current Consumption
vs. LNA/Mixer Current Control Resistor R1
(T = +25 °C, V = +5 V)
ADD
80
100
120
140
160
180
200
0
5
10
15
20
25
R1 Resistor Value (W )
Figure 19: Typical Input IP3
vs. LNA/Mixer Current Control Resistor R1
(T = +25 °C, V = +5 V)
ADD
9
11
13
15
17
19
0
5
10
15
20
25
R1 Resistor Value (W )
Figure 20: Typical Cross Modulation
vs. LNA/Mixer Current Control Resistor R1
(T = +25 °C, V = +5 V)
ADD
-65
-60
-55
-50
0
5
10
15
20
R1 Resistor Value (W )


Similar Part No. - ACD2203S8GP1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204S8P0 ANADIGICS-ACD2204S8P0 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results

Similar Description - ACD2203S8GP1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
   CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com