Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACD2203S8GP1 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ACD2203S8GP1
Description  CATV/TV/Video Downconverter with Dual Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2203S8GP1 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ACD2203S8GP1 Datasheet HTML 2Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 3Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 4Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 5Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 6Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 7Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 8Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 9Page - ANADIGICS, Inc ACD2203S8GP1 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.3
12/2003
ACD2203
Table 5: Electrical Specifications - Synthesizer Section
(TA = +25
°C
(4), VDD = +5 VDC)
Notes:
(1) Measured at 250 kHz comparison frequency.
(2) Measured at 62.5 kHz comparison frequency.
(3) CPU and CPD = VCC/2.
(4) Case Temperature is 15 °C higher than Ambient Temperature, when Ambient Temperature is +25 °C, using the
PC Board Layout shown in Figures 24-26.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
ti
v
it
i
s
n
e
S
t
u
p
n
I
r
a
l
a
c
s
e
r
P
F
R
:
r
e
t
r
e
v
n
o
c
p
U
U
)
6
1
n
i
p
(
)
1
(
F
R
:
r
e
t
r
e
v
n
o
c
n
w
o
D
D
)
9
1
n
i
p
(
)
2
(
F
R
:
r
e
t
r
e
v
n
o
c
p
U
U
)
6
1
n
i
p
(
)
1
(
F
R
:
r
e
t
r
e
v
n
o
c
n
w
o
D
D
)
9
1
n
i
p
(
)
2
(
7
-
3
1
-
6
-
1
1
-
-
-
-
-
0
2
+
0
2
+
-
-
m
B
d
)
y
c
n
e
u
q
e
r
f
g
n
it
a
r
e
p
o
r
e
v
o
(
TA
V
,
C
°
5
8
+
=
D
D
V
7
.
4
+
=
TA
V
,
C
°
5
8
+
=
D
D
V
7
.
4
+
=
)
3
1
n
i
p
(
y
ti
v
it
i
s
n
e
S
r
o
t
a
ll
i
c
s
O
e
c
n
e
r
e
f
e
R-
5
.
0-
V p-
p
t
n
e
r
r
u
C
t
u
p
t
u
O
p
m
u
P
e
g
r
a
h
C
)
3
(
K
N
I
S
E
C
R
U
O
S
-
-
5
2
.
1
5
2
.
1
-
-
-
A
m
t
n
e
r
r
u
C
y
l
p
p
u
S-
5
30
5A
m
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P-
5
6
10
5
2W
m


Similar Part No. - ACD2203S8GP1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2204S8P0 ANADIGICS-ACD2204S8P0 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results

Similar Description - ACD2203S8GP1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
   CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com