Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS120-7SFP Datasheet(PDF) 11 Page - STMicroelectronics

Part # ACS120-7SFP
Description  AC LINE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS120-7SFP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ACS120-7SFP Datasheet HTML 3Page - STMicroelectronics ACS120-7SFP Datasheet HTML 4Page - STMicroelectronics ACS120-7SFP Datasheet HTML 5Page - STMicroelectronics ACS120-7SFP Datasheet HTML 6Page - STMicroelectronics ACS120-7SFP Datasheet HTML 7Page - STMicroelectronics ACS120-7SFP Datasheet HTML 8Page - STMicroelectronics ACS120-7SFP Datasheet HTML 9Page - STMicroelectronics ACS120-7SFP Datasheet HTML 10Page - STMicroelectronics ACS120-7SFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ACS120-7SB/SFP/ST
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE OUTLINE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
ACS120-7SB
ACS1207S
DPAK
0.3 g
75
Tube
ACS120-7SB-TR
ACS1207S
DPAK
0.3 g
2500
Tape & reel
ACS120-7SFP
ACS1207S
TO-220FPAB
2.4 g
50
Tube
ACS120-7ST
ACS1207S
TO-220AB
2.3 g
250
Bulk
s
Epoxy meets UL94,V0
OTHER INFORMATION


Similar Part No. - ACS120-7SFP

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ACS120-7SFP KERSEMI-ACS120-7SFP Datasheet
445Kb / 11P
   AC LINE SWITCH
logo
STMicroelectronics
ACS120-7SFP STMICROELECTRONICS-ACS120-7SFP Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS120-7SFP-TR STMICROELECTRONICS-ACS120-7SFP-TR Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
More results

Similar Description - ACS120-7SFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-5TX STMICROELECTRONICS-ACS102-5TX Datasheet
97Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS110-7SN KERSEMI-ACS110-7SN Datasheet
439Kb / 10P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SA STMICROELECTRONICS-ACS108-5SA Datasheet
126Kb / 8P
   AC LINE SWITCH
logo
Kersemi Electronic Co.,...
ACS120-7SB KERSEMI-ACS120-7SB Datasheet
445Kb / 11P
   AC LINE SWITCH
logo
STMicroelectronics
ACS108-5SX STMICROELECTRONICS-ACS108-5SX Datasheet
117Kb / 8P
   AC LINE SWITCH
ACS110-7SN STMICROELECTRONICS-ACS110-7SN Datasheet
116Kb / 10P
   AC LINE SWITCH
ACS402-5SB4 STMICROELECTRONICS-ACS402-5SB4 Datasheet
84Kb / 6P
   QUAD AC LINE SWITCH ARRAY
ACS302 STMICROELECTRONICS-ACS302 Datasheet
496Kb / 12P
   3-line overvoltage protected AC switch array
July 2013 Rev 1
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com