Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N5416 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTX2N5416
Description  PNP LOW POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX2N5416 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTX2N5416 Datasheet HTML 1Page - Microsemi Corporation JANTX2N5416 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5415, 2N5416 JAN, SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc
IC = 1.0 mAdc, VCE = 10 Vdc
hFE
30
15
120
Collector-Emitter Saturation Voltage
IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
2.0
Vdc
Base-Emitter Voltage
IC = 50 mAdc, VCE = 10 Vdc
VBE
1.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short Circuit
Forward
Current Transfer Ratio
IC = 10 mAdc, VCE = 10 Vdc, f = 5.0 MHz
h
fe
3.0
15
Forward Current Transfer Ratio
IC = 5.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz
hfe
25
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
15
pF
Input Capacitance
VEB = 5.0 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
75
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC =200 Vdc, IC = 50 mAdc, IB1= 5.0 mAdc
ton
1.0
µs
Turn-Off Time
VCC = 200 Vdc, IC = 50 mAdc, IB1 = IB2 = 5.0 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C; 1 Cycle; t = 0.4 s
Test 1
VCE = 10 Vdc, IC = 1.0 Adc
Test 2
VCE = 100 Vdc, IC = 100 mAdc
Test 3
VCE = 200 Vdc, IC = 24 mAdc
2N5415
Test 4
VCE = 300 Vdc, IC = 10 mAdc
2N5416
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - JANTX2N5416

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX2N5038 MICROSEMI-JANTX2N5038 Datasheet
55Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
JANTX2N5039 MICROSEMI-JANTX2N5039 Datasheet
55Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
JANTX2N5114 MICROSEMI-JANTX2N5114 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
logo
Solitron Devices Inc.
JANTX2N5114 SOLITRON-JANTX2N5114 Datasheet
176Kb / 2P
   P-CHANNEL JFETS - 1
logo
Microsemi Corporation
JANTX2N5115 MICROSEMI-JANTX2N5115 Datasheet
56Kb / 2P
   P-CHANNEL J-FET
More results

Similar Description - JANTX2N5416

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1132 MICROSEMI-2N1132 Datasheet
56Kb / 3P
   LOW POWER PNP SILICON TRANSISTOR
JANS2N3867 MICROSEMI-JANS2N3867 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604_1 Datasheet
157Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N3250A MICROSEMI-2N3250A_1 Datasheet
135Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N3867 MICROSEMI-2N3867_1 Datasheet
121Kb / 4P
   PNP SILICON LOW POWER TRANSISTOR
2N2604 MICROSEMI-2N2604 Datasheet
66Kb / 2P
   PNP SILICON LOW POWER TRANSISTOR
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com