Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30406QGC Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL30406QGC
Description  SONET/SDH Clock Multiplier PLL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30406QGC Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL30406QGC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ZL30406
Data Sheet
7
Zarlink Semiconductor Inc.
2.0
Applications
2.1
Ultra-Low Jitter SONET/SDH Equipment Clocks
The ZL30406 functionality and performance complements the entire family of the Zarlink’s advanced network
synchronization PLLs. Its superior jitter filtering characteristics exceed requirements of SONET/SDH optical
interfaces operating at OC-48/STM-16 rate (2.5 Gbit/s). The ZL30406 in combination with the MT90401 or the
ZL30407 (SONET/SDH Network Element PLLs) provides the core building blocks for high quality equipment clocks
suitable for network synchronization (see Figure 4).
Figure 4 - SONET/SDH Equipment Timing Card
MT90401
ZL30406
OC-CLKo
CML
38.88 MHz, 19.44 MHz
77.76 MHz
19.44 MHz
C77oA
LVPECL
C77oB
LVPECL
C77oC
LVPECL
C77oD
LVPECL
C19o
CMOS
C19i
C19o
CMOS
C155o
LVDS
C34o/C44o CMOS
C16o
CMOS
C8o
CMOS
C6o
CMOS
19.44 MHz
C2o
CMOS
C1.5o
CMOS
F8o
CMOS
F0o
CMOS
77.76 MHz
77.76 MHz
77.76 MHz
155.52 MHz
C4o
CMOS
34.368 MHz or 44.736 MHz
16.384 MHz
8.192 MHz
6.312 MHz
4.096 MHz
2.048 MHz
1.544 MHz
8 kHz
8 kHz
PRI
SEC
PRIOR
SECOR
LOCK
HOLDOVER
RefSel
RefAlign
RF
LPF
CF
155.52 MHz, 77.76 MHz
uP
Data Port
Controller Port
Synchronization
Reference
Clocks
Note: Only main functional connections are shown
20 MHz
F16o
CMOS
OCXO
8 kHz
or
ZL30407


Similar Part No. - ZL30406QGC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30406QGC ZARLINK-ZL30406QGC Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - ZL30406QGC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com