Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30406QGC Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL30406QGC
Description  SONET/SDH Clock Multiplier PLL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30406QGC Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL30406QGC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30406QGC Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ZL30406
Data Sheet
6
Zarlink Semiconductor Inc.
1.4
Output Interface Circuit
The output of the VCO is used by the Output Interface Circuit to provide four LVPECL differential clocks at
77.76 MHz, one programmable CML differential clock (19.44 MHz, 38.88 MHz, 77.76 MHz, 155.52 MHz) controlled
with FS1-2 pins and a single-ended 19.44 MHz output clock. This block provides also a 19.44 MHz feedback clock
that closes PLL loop. Each output clock can be enabled or disabled individually with the associated Output Enable
pin.
To reduce power consumption and achieve the lowest possible intrinsic jitter the unused output clocks must be
disabled. If any of the LVPECL outputs are disabled they must be left open without any terminations.
The output clock frequency of the OC-CLKo CML differential output clock is selected with FS1-2 pins as shown in
the following table.
Output Clocks
Output Enable Pins
C77oP/N-A
C77oEN-A
C77oP/N-B
C77oEN-B
C77oP/N-C
C77oEN-C
C77oP/N-D
C77oEN-D
OC-CLKoP/N
OC-CLKoEN
C19o
C19oEN
Table 1 - Output Enable Control
FS2
FS1
OC-CLKo
Frequency
0
0
19.44 MHz
0
1
38.88 MHz
1
0
77.76 MHz
1
1
155.52 MHz
Table 2 - OC-CLKo Clock Frequency Selection


Similar Part No. - ZL30406QGC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30406QGC ZARLINK-ZL30406QGC Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - ZL30406QGC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30415 ZARLINK-ZL30415_06 Datasheet
404Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com