Part Name
         Description
XRD98L23

 8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control ( 32 Page)


EXAR
100% 
Zoom Out Zoom In
 6 page
background image
XRD98L23
6
Rev. 1.00
ELECTRICAL CHARACTERISTICS (CONT'D)
Test Conditions: AV
DD=DVDD=3.3V, ADCCLK=10MHz, 50% Duty Cycle, TA=25°C unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
System Specifications (MUX + Buffer + PGA + ADC)
Note 1
SYS
DNL
System DNL
-1.0
±0.5
+2.0
LSB
No missing codes
SYS
LIN
System Linearity
±6.0
LSB
SYS
GE
System Gain Error
-5.0
+5.0
%
IRN
Input Referred Noise
1.5
mV
rms
Gain=1
Input Referred Noise
0.5
mV
rms
Gain=10
System Timing Specifications
tcklw
ADCCLK Low Pulse Width
50
ns
tckhw
ADCCLK High Pulse Width
50
ns
tckpd
ADCCLK Period
100
ns
tsypw
SYNCH Pulse Width
30
ns
trars
Rising ADCCLK to rising
0
SYNCH must rise equal to
SYNCH
or after ADCCLK, See Figure 18
tclpw
CLAMP Pulse Width
30
ns
Note 2
Write Timing Specifications
tsclkw
SCLK Pulse Width
40
ns
tdz
LD Low to SCLK High
20
ns
tds
Input Data Set-up Time
20
ns
tdh
Input Data Hold Time
0
ns
tdl
SCLK High to LD High
50
ns
ADC Digital Output Specifications
tap
Aperture Delay
ns
tdv
Output Data Valid
30
50
ns
tsa
SYNCH to ADCCLK (3ch)
20
ns
3ch Pixel Md
tsa2
SYNCH to ADCCLK (2ch)
20
80
ns
2ch Pixel Md
tlat
Latency
8
cycles
Config 00, 11
tlat
Latency
6
pixels
Config 01, 10
Digital Input Specifications
V
IH
Input High Voltage
AV
DD-1.5
V
V
IL
Input Low Voltage
0.6
V
I
IH
High Voltage Input Current
5
µA
I
IL
Low Voltage Input Current
5
µA
C
IN
Input Capacitance
10
pF
Note 1:
System performance is specified for typical digital system timing specifications.
Note 2:
The actual minimum ‘tclpw’ is dependent on the external capacitor value, the CIS output impedance.
During ‘clamp’ operation, sufficient time needs to be allowed for the external capacitor to charge up to the
correct operating level. Refer to the description in Theory of Operation, CIS Config.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XRD982910-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
XRD982712-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 1 2 3 4 5 MoreExar Corporation
XRD982810-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface 1 2 Exar Corporation
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor
TLC0831C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLV0831C3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLC0834C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor
TLC540I8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments
TLC542C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl